Electronic Components Datasheet Search
  English  ▼

X  

AD5384 Datasheet(PDF) 32 Page - Analog Devices

Part # AD5384
Description  40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5384 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD5384 Datasheet HTML 28Page - Analog Devices AD5384 Datasheet HTML 29Page - Analog Devices AD5384 Datasheet HTML 30Page - Analog Devices AD5384 Datasheet HTML 31Page - Analog Devices AD5384 Datasheet HTML 32Page - Analog Devices AD5384 Datasheet HTML 33Page - Analog Devices AD5384 Datasheet HTML 34Page - Analog Devices AD5384 Datasheet HTML 35Page - Analog Devices AD5384 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
AD5384
Rev. A | Page 32 of 36
APPLICATION INFORMATION
POWER SUPPLY DECOUPLING
In any circuit where accuracy is important, careful considera-
tion of the power supply and ground return layout helps to
ensure the rated performance. The printed circuit board on
which the AD5384 is mounted should be designed so that the
analog and digital sections are separated and confined to
certain areas of the board. If the AD5384 is in a system where
multiple devices require an AGND-to-DGND connection, the
connection should be made at one point only, a star ground
point established as close to the device as possible.
For supplies with multiple pins (AVDD, AVCC), these pins should
be tied together. The AD5384 should have ample supply bypass-
ing of 10 µF in parallel with 0.1 µF on each supply, located as
close to the package as possible and ideally right up against the
device. The 10 µF capacitors are the tantalum bead type. The
0.1 µF capacitor should have low effective series resistance
(ESR) and effective series inductance (ESI), like the common
ceramic types that provide a low impedance path to ground at
high frequencies, to handle transient currents due to internal
logic switching.
The power supply lines of the AD5384 should use as large a
trace as possible to provide low impedance paths and reduce the
effects of glitches on the power supply line. Fast switching
signals, such as clocks, should be shielded with digital ground
to avoid radiating noise to other parts of the board, and should
never be run near the reference inputs. A ground line routed
between the DIN and SCLK lines helps to reduce crosstalk
between them (this is not required on a multilayer board
because there is a separate ground plane, but separating the
lines helps). It is essential to minimize noise on the VIN and
REFIN lines.
Avoid crossover of digital and analog signals. Traces on
opposite sides of the board should run at right angles to each
other. This reduces the effects of feedthrough through the
board. A microstrip technique is by far the best, but is not
always possible with a double-sided board. In this technique,
the component side of the board is dedicated to the ground
plane while signal traces are placed on the solder side.
MONITOR FUNCTION
The AD5384 contains a channel monitor function that consists
of a multiplexer addressed via the interface, allowing any
channel output to be routed to this pin for monitoring using an
external ADC. In channel monitor mode, VOUT39 becomes
the MON_OUT pin, to which all monitored signals are routed.
The channel monitor function must be enabled in the control
register before any channels are routed to MON_OUT. contains
the decoding information required to route any channel to
MON_OUT. Selecting Channel Address 63 three-states
MON_OUT. Figure 36 shows a typical monitoring circuit
implemented using a 12-bit SAR ADC in a 6-lead SOT package.
The controller output port selects the channel to be monitored,
and the input port reads the converted data from the ADC.
AD7476
GND
SDATA
CS
SCLK
AVCC
VIN
VOUT39/MON_OUT
AGND
DIN
SYNC
SCLK
DAC_GND SIGNAL_GND
VOUT0
VOUT38
AVCC
AD5384
OUTPUT PORT
INPUT PORT
CONTROLLER
Figure 36. Typical Channel Monitoring Circuit
TOGGLE MODE FUNCTION
The toggle mode function allows an output signal to be gener-
ated using the LDAC control signal, which switches between
two DAC data registers. This function is configured using the
SFR control register as follows. A write with REG1 = REG0 = 0
and A5–A0 = 001100 specifies a control register write. The
toggle mode function is enabled in groups of eight channels
using Bits CR6 to CR2 in the control register (see Table 17).
Figure 37 shows a block diagram of toggle mode
implementation.
14-BIT DAC
DAC
REGISTER
INPUT
DATA
INPUT
REGISTER
DATA
REGISTER
B
DATA
REGISTER
A
A/B
VOUT
LDAC
CONTROL INPUT
Figure 37. Toggle Mode Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com