Electronic Components Datasheet Search
  English  ▼

X  

AD5384 Datasheet(PDF) 23 Page - Analog Devices

Part # AD5384
Description  40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5384 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5384 Datasheet HTML 19Page - Analog Devices AD5384 Datasheet HTML 20Page - Analog Devices AD5384 Datasheet HTML 21Page - Analog Devices AD5384 Datasheet HTML 22Page - Analog Devices AD5384 Datasheet HTML 23Page - Analog Devices AD5384 Datasheet HTML 24Page - Analog Devices AD5384 Datasheet HTML 25Page - Analog Devices AD5384 Datasheet HTML 26Page - Analog Devices AD5384 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
AD5384
Rev. A | Page 23 of 36
Table 17. Control Register Contents
MSB
LSB
CR13
CR12
CR11
CR10
CR9
CR8
CR7
CR6
CR5
CR4
CR3
CR2
CR1
CR0
Control Register Write/Read
REG1 = REG0 = 0, A5–A0 = 001100, R/W status determines if
the operation is a write (R/W = 0) or a read (R/W = 1). DB13 to
DB0 contain the control register data.
Control Register Contents
CR13:
Power-Down Status. This bit is used to configure the
output amplifier state in power-down.
CR13 = 1: Amplifier output is high impedance (default on
power-up).
CR13 = 0: Amplifier output is 100 kΩ to ground.
CR12:
REF Select. This bit selects the operating internal
reference for the AD5384. CR12 is programmed as follows:
CR12 = 1: Internal reference is 2.5 V (AD5384-5 default), the
recommended operating reference for AD5384-5.
CR12 = 0: Internal reference is 1.25 V (AD5384-3 default),
the recommended operating reference for AD5384-3.
CR11:
Current Boost Control. This bit is used to boost the
current in the output amplifier, thereby altering its slew rate.
This bit is configured as follows:
CR11 = 1: Boost Mode On. This maximizes the bias current
in the output amplifier, optimizing its slew rate but increasing
the power dissipation.
CR11 = 0: Boost Mode Off (default on power-up). This
reduces the bias current in the output amplifier and reduces
the overall power consumption.
CR10:
Internal/External Reference. This bit determines if the
DAC uses its internal reference or an externally applied
reference.
CR10 = 1: Internal Reference Enabled. The reference output
depends on data loaded to CR12.
CR10 = 0: External Reference Selected (default on power-up).
CR9:
Channel Monitor Enable (see Channel Monitor Function).
CR9 = 1: Monitor Enabled. This enables the channel monitor
function. After a write to the monitor channel in the SFR
register, the selected channel output is routed to the
MON_OUT pin. VOUT39 operates as the MON_OUT pin.
CR9 = 0: Monitor Disabled (default on power-up). When the
monitor is disabled, the MON_OUT pin assumes its normal
DAC output function.
CR8:
Thermal Monitor Function. This function is used to
monitor the AD5384 internal die temperature, when enabled.
The thermal monitor powers down the output amplifiers when
the temperature exceeds 130°C. This function can be used to
protect the device when power dissipation might be exceeded if
a number of output channels are simultaneously short-circuited.
A soft power-up re-enables the output amplifiers if the die
temperature drops below 130°C.
CR8 = 1: Thermal Monitor Enabled.
CR8 = 0: Thermal Monitor Disabled (default on power-up).
CR7:
Don’t Care.
CR6 to CR2:
Toggle Function Enable. This function allows the
user to toggle the output between two codes loaded to the A
and B register for each DAC. Control register bits CR6 to CR2
are used to enable individual groups of eight channels for
operation in toggle mode. A Logic 1 written to any bit enables a
group of channels; a Logic 0 disables a group. LDAC is used to
toggle between the two registers. Table 18 shows the decoding
for toggle mode operation. For example, CR6 controls group w,
which contains Channels 32 to 39, CR6 = 1 enables these
channels.
CR1 and CR0:
Don’t Care.
Table 18.
CR Bit
Group
Channels
CR6
4
32–39
CR5
3
24–31
CR4
2
16–23
CR3
1
8–15
CR2
0
0–7
Channel Monitor Function
REG1 = REG0 = 0, A5–A0 = 001010
DB13–DB8 = Contain data to address the monitored channel.
A channel monitor function is provided on the AD5384. This
feature, which consists of a multiplexer addressed via the
interface, allows any channel output to be routed to the
MON_OUT pin for monitoring using an external ADC. In
channel monitor mode, VOUT39 becomes the MON_OUT pin,
to which all monitored pins are routed. The channel monitor
function must be enabled in the control register before any
channels are routed to MON_OUT. On the AD5384, DB13 to
DB8 contain the channel address for the monitored channel.
Selecting Channel Address 63 three-states MON_OUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com