Electronic Components Datasheet Search
  English  ▼

X  

AD5384 Datasheet(PDF) 25 Page - Analog Devices

Part # AD5384
Description  40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5384 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD5384 Datasheet HTML 21Page - Analog Devices AD5384 Datasheet HTML 22Page - Analog Devices AD5384 Datasheet HTML 23Page - Analog Devices AD5384 Datasheet HTML 24Page - Analog Devices AD5384 Datasheet HTML 25Page - Analog Devices AD5384 Datasheet HTML 26Page - Analog Devices AD5384 Datasheet HTML 27Page - Analog Devices AD5384 Datasheet HTML 28Page - Analog Devices AD5384 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
AD5384
Rev. A | Page 25 of 36
HARDWARE FUNCTIONS
RESET FUNCTION
Bringing the RESET line low resets the contents of all internal
registers to their power-on reset state. Reset is a negative edge-
sensitive input. The default corresponds to m at full scale and to
c at zero. The contents of the DAC registers are cleared, setting
VOUT0 to VOUT39 to 0 V. The hardware reset activation time
takes 270 µs. The falling edge of RESET initiates the reset
process; BUSY goes low for the duration, returning high when
RESET is complete. While BUSY is low, all interfaces are
disabled and all LDAC pulses are ignored. When BUSY returns
high, the part resumes normal operation and the status of the
RESET pin is ignored until the next falling edge is detected.
ASYNCHRONOUS CLEAR FUNCTION
Bringing the CLR line low clears the contents of the DAC
registers to the data contained in the user configurable CLR
register and sets VOUT0 to VOUT39 accordingly. This function
can be used in system calibration to load zero scale and full
scale to all channels. The execution time for a CLR is 35 µs.
BUSY AND LDAC FUNCTIONS
BUSY is a digital CMOS output that indicates the status of the
AD5384. The value of x2, the internal data loaded to the DAC
data register, is calculated each time the user writes new data to
the corresponding x1, c ,or m registers. During the calculation
of x2, the BUSY output goes low. While BUSY is low, the user
can continue writing new data to the x1, m, or c registers, but
no DAC output updates can take place. The DAC outputs are
updated by taking the LDAC input low. If LDAC goes low while
BUSY is active, the LDAC event is stored and the DAC outputs
update immediately after BUSY goes high. The user can hold
the LDAC input permanently low, in which case the DAC
outputs update immediately after BUSY goes high. BUSY also
goes low during power-on reset and when a falling edge is
detected on the RESET pin. During this time, all interfaces are
disabled and any events on LDAC are ignored. The AD5384
contains an extra feature whereby a DAC register is not updated
unless its x2 register has been written to since the last time
LDAC was brought low. Normally, when LDAC is brought low,
the DAC registers are filled with the contents of the x2 registers.
However, the AD5384 updates the DAC register only if the x2
data has changed, thereby removing unnecessary digital
crosstalk.
POWER-ON RESET
The AD5384 contains a power-on reset generator and state
machine. The power-on reset resets all registers to a predefined
state and configures the analog outputs as high impedance. The
BUSY pin goes low during the power-on reset sequencing,
preventing data writes to the device.
POWER-DOWN
The AD5384 contains a global power-down feature that puts all
channels into a low power mode and reduces the analog power
consumption to 2 µA maximum and digital power consumption
to 20 µA maximum. In power-down mode, the output amplifier
can be configured as a high impedance output or it can provide
a 100 kΩ load to ground. The contents of all internal registers
are retained in power-down mode. When exiting power-down,
the settling time of the amplifier elapses before the outputs
settles to their correct values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com