Electronic Components Datasheet Search
  English  ▼

X  

AD5384 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5384
Description  40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5384 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5384 Datasheet HTML 5Page - Analog Devices AD5384 Datasheet HTML 6Page - Analog Devices AD5384 Datasheet HTML 7Page - Analog Devices AD5384 Datasheet HTML 8Page - Analog Devices AD5384 Datasheet HTML 9Page - Analog Devices AD5384 Datasheet HTML 10Page - Analog Devices AD5384 Datasheet HTML 11Page - Analog Devices AD5384 Datasheet HTML 12Page - Analog Devices AD5384 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
AD5384
Rev. A | Page 9 of 36
AC CHARACTERISTICS1
AVDD = 2.7 V to 3.6 V and 4.5 V to 5.5 V; DVDD = 2.7 V to 5.5 V; AGND = DGND = 0 V.
Table 6.
Parameter
AD5384-3
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
Output Voltage Settling Time
Boost mode off, CR11 = 0
1/4 scale to 3/4 scale change settling to ±1 LSB
8
µs typ
10
µs max
Slew Rate2
2
V/µs typ
Boost mode off, CR11 = 0
3
V/µs typ
Boost mode on, CR11 = 1
Digital-to-Analog Glitch Energy
12
nV-s typ
Glitch Impulse Peak Amplitude
15
mV typ
Channel-to-Channel Isolation
100
dB typ
See the Terminology section
DAC-to-DAC Crosstalk
1
nV-s typ
See the Terminology section
Digital Crosstalk
0.8
nV-s typ
Digital Feedthrough
0.1
nV-s typ
Effect of input bus activity on DAC output under test
Output Noise 0.1 Hz to 10 Hz
15
µV p-p typ
External reference, midscale loaded to DAC
40
µV p-p typ
Internal reference, midscale loaded to DAC
Output Noise Spectral Density
@ 1 kHz
150
nV/√Hz typ
@ 10 kHz
100
nV/√Hz typ
1 Guaranteed by design and characterization, not production tested.
2 The slew rate can be programmed via the current boost control bit (CR11 ) in the AD5384 control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com