Electronic Components Datasheet Search
  English  ▼

X  

AD5384 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5384
Description  40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5384 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5384 Datasheet HTML 14Page - Analog Devices AD5384 Datasheet HTML 15Page - Analog Devices AD5384 Datasheet HTML 16Page - Analog Devices AD5384 Datasheet HTML 17Page - Analog Devices AD5384 Datasheet HTML 18Page - Analog Devices AD5384 Datasheet HTML 19Page - Analog Devices AD5384 Datasheet HTML 20Page - Analog Devices AD5384 Datasheet HTML 21Page - Analog Devices AD5384 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
AD5384
Rev. A | Page 18 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT CODE
16384
0
4096
8192
12288
–2.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
AVDD = DVDD = 5.5V
VREF = 2.5V
TA = 25°C
Figure 8. Typical AD5384-5 INL Plot
SAMPLE NUMBER
550
0
100
150
200
250
300
50
350
400
500
450
2.523
2.539
2.538
2.537
2.536
2.535
2.534
2.533
2.532
2.531
2.530
2.529
2.528
2.527
2.526
2.525
2.524
AVDD = DVDD = 5V
VREF = 2.5V
TA = 25°C
14ns/SAMPLE NUMBER
1 LSB CHANGE AROUND MIDSCALE
GLITCH IMPULSE = 10nV-s
Figure 9. AD5384-5 Glitch Impulse
AVDD = DVDD = 5V
VREF = 2.5V
TA = 25°C
VOUT
Figure 10. Slew Rate with Boost Off
INPUT CODE
16384
0
4096
8192
12288
–2.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
AVDD = DVDD = 3V
VREF = 1.25V
TA = 25°C
Figure 11. Typical AD5384-3 INL Plot
REFERENCE DRIFT (ppm/°C)
–5.0
–1.5
2.5
–3.5
–4.5
–4.0
0.5
–0.5
3.5
–2.5
1.5
–1.0
3.0
–3.0
1.0
0
4.0
5.0
4.5
–2.0
2.0
0
40
30
20
35
25
15
10
5
Figure 12. AD5384-REFOUT Temperature Coefficient
AVDD = DVDD = 5V
VREF = 2.5V
TA = 25°C
VOUT
Figure 13. Slew Rate with Boost On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com