Electronic Components Datasheet Search
  English  ▼

X  

AD5384 Datasheet(PDF) 22 Page - Analog Devices

Part # AD5384
Description  40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5384 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5384 Datasheet HTML 18Page - Analog Devices AD5384 Datasheet HTML 19Page - Analog Devices AD5384 Datasheet HTML 20Page - Analog Devices AD5384 Datasheet HTML 21Page - Analog Devices AD5384 Datasheet HTML 22Page - Analog Devices AD5384 Datasheet HTML 23Page - Analog Devices AD5384 Datasheet HTML 24Page - Analog Devices AD5384 Datasheet HTML 25Page - Analog Devices AD5384 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
AD5384
Rev. A | Page 22 of 36
Table 15. Gain Data Format (REG1 = 0, REG0 = 1)
DB13 to DB0
Gain Factor
11
1111
1111
1110
1
10
1111
1111
1110
0.75
01
1111
1111
1110
0.5
00
1111
1111
1110
0.25
00
0000
0000
0000
0
ON-CHIP SPECIAL FUNCTION REGISTERS (SFR)
The AD5384 contains a number of special function registers
(SFRs), as outlined in Table 16. SFRs are addressed with
REG1 = REG0 = 0 and are decoded using Address Bits A5 to A0.
Table 16. SFR Register Functions (REG1 = 0, REG0 = 0)
R/W
A5
A4
A3
A2
A1
A0
Function
X
0
0
0
0
0
0
NOP (No Operation)
0
0
0
0
0
0
1
Write CLR Code
0
0
0
0
0
1
0
Soft CLR
0
0
0
1
0
0
0
Soft Power-Down
0
0
0
1
0
0
1
Soft Power-Up
0
0
0
1
1
0
0
Control Register Write
1
0
0
1
1
0
0
Control Register Read
0
0
0
1
0
1
0
Monitor Channel
0
0
0
1
1
1
1
Soft Reset
SFR COMMANDS
NOP (No Operation)
REG1 = REG0 = 0, A5–A0 = 000000
Performs no operation but is useful in serial readback mode to
clock out data on DOUT for diagnostic purposes. BUSY pulses
low during a NOP operation.
Write CLR Code
REG1 = REG0 = 0, A5–A0 = 000001
DB13–DB0 = Contain the CLR data
Bringing the CLR line low or exercising the soft clear function
loads the contents of the DAC registers with the data contained
in the user-configurable CLR register, and sets VOUT0 to
VOUT39, accordingly. This can be very useful for setting up a
specific output voltage in a clear condition. It is also beneficial
for calibration purposes; the user can load full scale or zero
scale to the clear code register and then issue a hardware or
software clear to load this code to all DACs, removing the need
for individual writes to each DAC. Default on power-up is all 0s.
Soft CLR
REG1 = REG0 = 0, A5–A0 = 000010
DB13–DB0 = Don’t Care
Executing this instruction performs the CLR, which is
functionally the same as that provided by the external CLR pin.
The DAC outputs are loaded with the data in the CLR code
register. It takes 35 µs to fully execute the SOFT CLR, as
indicated by the BUSY low time.
Soft Power-Down
REG1 = REG0 = 0, A5–A0 = 001000
DB13–DB0 = Don’t Care
Executing this instruction performs a global power-down that
puts all channels into a low power mode that reduces the analog
supply current to 2 µA maximum and the digital current to
20 µA maximum. In power-down mode, the output amplifier
can be configured as a high impedance output or can provide a
100 kΩ load to ground. The contents of all internal registers are
retained in power-down mode. No register can be written to
while in power-down.
Soft Power-Up
REG1 = REG0 = 0, A5–A0 = 001001
DB13–DB0 = Don’t Care
This instruction is used to power up the output amplifiers and
the internal reference. The time to exit power-down is 8 µs. The
hardware power-down and software function are internally
combined in a digital OR function.
Soft RESET
REG1 = REG0 = 0, A5–A0 = 001111
DB13–DB0 = Don’t Care
This instruction is used to implement a software reset. All
internal registers are reset to their default values, which
correspond to m at full scale and c at zero. The contents of the
DAC registers are cleared, setting all analog outputs to 0 V. The
soft reset activation time is 135 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com