Electronic Components Datasheet Search
  English  ▼

X  

AD9381 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9381
Description  HDMI Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9381 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9381 Datasheet HTML 8Page - Analog Devices AD9381 Datasheet HTML 9Page - Analog Devices AD9381 Datasheet HTML 10Page - Analog Devices AD9381 Datasheet HTML 11Page - Analog Devices AD9381 Datasheet HTML 12Page - Analog Devices AD9381 Datasheet HTML 13Page - Analog Devices AD9381 Datasheet HTML 14Page - Analog Devices AD9381 Datasheet HTML 15Page - Analog Devices AD9381 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
AD9381
Rev. 0 | Page 12 of 44
AUDIO PLL SETUP
Data contained in the audio infoframes, among other registers,
define for the AD9381 HDMI receiver not only the type of
audio, but the sampling frequency (fS). The audio infoframe also
contains information about the N and CTS values used to
recreate the clock. With this information it is possible to
regenerate the audio sampling frequency. The audio clock is
regenerated by dividing the 20-bit CTS value into the TMDS
clock, then multiplying by the 20-bit N value. This yields a
multiple of the fs (sampling frequency) of either 128 × fs or
256 × fs. It is possible for this to be specified up to 1024 × fs.
SINK DEVICE
SOURCE DEVICE
1N AND CTS VALUES ARE TRANSMITTED USING THE
AUDIO CLOCK REGENERATION PACKET. VIDEO
CLOCK IS TRANSMITTED ON TMDS CLOCK CHANNEL.
128 ×
fS
N
VIDEO
CLOCK
128 ×
fS
TMDS
CLOCK
N1
CTS1
DIVIDE
BY
N
CYCLE
TIME
COUNTER
REGISTER
N
DIVIDE
BY
CTS
MULTIPLY
BY
N
Figure 7. N and CTS for Audio Clock
In order to provide the most flexibility in configuring the audio
sampling clock, an additional PLL is employed. The PLL
characteristics are determined by the loop filter design, the PLL
charge pump current, and the VCO range setting. The loop
filter design is shown in Figure 8.
CP
8nF
CZ
80nF
RZ
1.5k
Ω
FILT
PVD
Figure 8. PLL Loop Filter Detail
To fully support all audio modes for all video resolutions up to
1080p, it is necessary to adjust certain audio-related registers
from their power-on default values. Table 9 describes these
registers and gives their recommended settings.
Table 9. AD9398 Audio Register Settings
Register
Bits
Recommended
Setting
Function
Comments
0x01
7:0
0x00
PLL Divisor (MSBs)
0x02
7:4
0x40
PLL Divisor (Lab’s)
7:6
01
VCO Range
5:3
010
Charge Pump Current
The analog video PLL is also used for the audio clock
circuit when in HDMI mode. This is done automatically.
0x03
2
1
PLL Enable
In HDMI mode, this bit enables a lower frequency to be
used for audio MCLK generation.
0x34
4
0
Audio Frequency Mode Override
Allows the chip to determine the low frequency mode
of the audio PLL.
7
1
PLL Enable
This enables the analog PLL to be used for audio MCLK
generation.
6:4
011
MCLK PLL Divisor
When the analog PLL is enabled for MCLK generation,
another frequency divider is provided. These bits set
the divisor to 4.
3
0
N/CTS Disable
The N and CTS values should always be enabled.
0x58
2:0
0**
MCLK Sampling Frequency
000 = 128 × fS
001 = 256 × fS
010 = 384 × fS
011 = 512 × fS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com