Electronic Components Datasheet Search
  English  ▼

X  

AD9381 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9381
Description  HDMI Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9381 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9381 Datasheet HTML 20Page - Analog Devices AD9381 Datasheet HTML 21Page - Analog Devices AD9381 Datasheet HTML 22Page - Analog Devices AD9381 Datasheet HTML 23Page - Analog Devices AD9381 Datasheet HTML 24Page - Analog Devices AD9381 Datasheet HTML 25Page - Analog Devices AD9381 Datasheet HTML 26Page - Analog Devices AD9381 Datasheet HTML 27Page - Analog Devices AD9381 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
AD9381
Rev. 0 | Page 24 of 44
Hex
Address
Read/Write
or Read Only
Bits
Default Value
Register Name
Description
MPEG Source Infoframe
0xB8
Read
[7:0]
MPEG Source Infoframe
Version
0xB9
Read
[7:0]
MB(0)
MB [0] (Lower byte of MPEG bit rate: Hz). The lower
8 bits of 32 bits (4 bytes) that specify the MPEG bit
rate in Hz.
0xBA
Read
[7:0]
MB[1]
MB [1].
0xBB
Read
[7:0]
MB[2]
MB [2].
0xBC
Read
[7:0]
MB [3] (upper byte).
4
Field Repeat
FR—New field or repeated field.
0 = New field or picture.
1 = Repeated field.
0xBD
Read
[1:0]
MPEG Frame
MF [1:0] This identifies whether frame is an I, B, or P
picture.
00 = unknown.
01 = I picture.
10 = B picture.
11 = P picture.
0xBE
Read
[7:0]
Reserved.
0xBF
Read
[6:0]
New Data Flags
New data flags (see 0x87).
0xC0
Read
[7:0]
Audio Content
Protection Packet (ACP)
Type
Audio content protection packet (ACP) type.
0x00 = generic audio.
0x01 = IEC 60958-identified audio.
0x02 = DVD-audio.
0x03 = reserved for super audio CD (SACD).
0x04 = 0xFF reserved.
0xC1
Read
[7:0]
ACP Packet Byte 0
ACP Packet Byte 0 (ACP_PB0).
0xC2
Read
[7:0]
ACP_PB1
ACP_PB1.
0xC3
Read
[7:0]
ACP_PB2
ACP_PB2.
0xC4
Read
[7:0]
ACP_PB3
ACP_PB3.
0xC5
Rea
[7:0]
ACP_PB4
ACP_PB4.
0xC6
Read
[7:0]
ACP_PB5
ACP_PB5.
0xC7
Read
[6:0]
NDF
New data flags (see 0x87).
0xC8
7
ISRC1 Continued
International standard recording code (ISRC1)
continued. This indicates an ISRC2 packet is being
transmitted.
Read
6
ISRC1 Valid
0 = ISRC1 status bits and PBs not valid.
1 = ISRC1 status bits and PBs valid.
001 = starting position.
[2:0]
ISRC1 Status
010 = intermediate position.
100 = final position.
0xC9
Read
[7:0]
ISRC1 Packet Byte 0
ISRC1 Packet Byte 0 (ISRC1_PB0).
0xCA
Read
[7:0]
ISRC1_PB1
ISRC1_PB1.
0xCB
Read
[7:0]
ISRC1_PB2
ISRC1_PB2.
0xCC
Read
[7:0]
ISRC1_PB3
ISRC1_PB3.
0xCD
Read
[7:0]
ISRC1_PB4
ISRC1_PB4.
0xCE
Read
[7:0]
ISRC1_PB5
ISRC1_PB5.
0xCF
Read
[6:0]
NDF
New data flags (see 0x87).
0xD0
Read
[7:0]
ISRC1_PB6
ISRC1_PB6.
0xD1
Read
[7:0]
ISRC1_PB7
ISRC1_PB7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com