Electronic Components Datasheet Search
  English  ▼

X  

AD9381 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9381
Description  HDMI Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9381 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9381 Datasheet HTML 27Page - Analog Devices AD9381 Datasheet HTML 28Page - Analog Devices AD9381 Datasheet HTML 29Page - Analog Devices AD9381 Datasheet HTML 30Page - Analog Devices AD9381 Datasheet HTML 31Page - Analog Devices AD9381 Datasheet HTML 32Page - Analog Devices AD9381 Datasheet HTML 33Page - Analog Devices AD9381 Datasheet HTML 34Page - Analog Devices AD9381 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
AD9381
Rev. 0 | Page 31 of 44
0x40—Bits[7:0] CSC B2 LSBs
0x41—Bits[4-0] CSC B3 MSBs
The default value for the 13-bit B3 is 0x1E89.
0x42—Bits[7:0] CSC B3 LSBs
0x43—Bits[4-0] CSC B4 MSBs
The default value for the 13-bit B4 is 0x0291.
0x44—Bits[7:0] CSC B4 LSBs
0x45—Bits[4-0] CSC C1 MSBs
The default value for the 13-bit C1 is 0x0000.
0x46—Bits[7:0] CSC C1 LSBs
0x47—Bits[4-0] CSC C2 MSBs
The default value for the 13-bit C2 is 0x0800.
0x48—Bits[7:0] CSC C2 LSBs
0x49—Bits[4:0] CSC C3 MSBs
The default value for the 13-bit C3 is 0x0E87.
0x4A—Bits[7:0] CSC C3 LSBs
0x4B—Bits[4:0] CSC C4 MSBs
The default value for the 13-bit C4 is 0x18BD.
0x4C—Bits[7:0] CSC C4 LSBs
0x57—Bit[7] AV Mute Override
0x57—Bit[6] AV Mute Value
0x57—Bit[3] Disable AV Mute
0x57—Bit[2] Disable Audio Mute
0x58—Bit[7] MCLK PLL Enable
This bit enables the use of the analog PLL.
0x58—Bits[6:4] MCLK PLL_N
These bits control the division of the MCLK out of the PLL.
Table 18.
PLL_N [2:0]
MCLK Divide Value
0
/1
1
/2
2
/3
3
/4
4
/5
5
/6
6
/7
7
/8
0x58—Bit[3] N_CTS_Disable
This bit makes it possible to prevent the N/CTS packet on the
link from writing to the N and CTS registers.
0x58—Bits[2:0] MCLK fS_N
These bits control the multiple of 128 fS used for MCLK out.
Table 19.
MCLK fS_N [2:0]
fS Multiple
0
128
1
256
2
384
3
512
4
640
5
768
6
896
7
1024
0x59—Bit[6] MDA/MCL PU Disable
This bit disables the inter-MDA/MCL pull-ups.
0x59—Bit[5] CLK Term O/R
This bit allows for overriding during power down.
0 = auto, 1 = manual.
0x59—Bit[4] Manual CLK Term
This bit allows normal clock termination or disconnects this.
0 = normal, 1 = disconnected.
0x59—Bit[2] FIFO Reset UF
This bit resets the audio FIFO if underflow is detected.
0x59—Bit[1] FIFO Reset OF
This bit resets the audio FIFO if overflow is detected.
0x59—Bit[0] MDA/MCL Three-State
This bit three-states the MDA/MCL lines to allow in-circuit
programming of the EEPROM.
0x5A—Bits[6:0] Packet Detect
This register indicates if a data packet in specific sections has
been detected. These seven bits are updated if any specific
packet has been received since last reset or loss of clock detect.
Normal is 0x00.
Table 20.
Packet Detect Bit
Packet Detected
0
AVI infoframe
1
Audio infoframe
2
SPD infoframe
3
MPEG source infoframe
4
ACP packets
5
ISRC1 packets
6
ISRC2 packets
0x5B—Bit[3] HDMI Mode
0 = DVI, 1 = HDMI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com