Electronic Components Datasheet Search
  English  ▼

X  

AD9381 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9381
Description  HDMI Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9381 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9381 Datasheet HTML 29Page - Analog Devices AD9381 Datasheet HTML 30Page - Analog Devices AD9381 Datasheet HTML 31Page - Analog Devices AD9381 Datasheet HTML 32Page - Analog Devices AD9381 Datasheet HTML 33Page - Analog Devices AD9381 Datasheet HTML 34Page - Analog Devices AD9381 Datasheet HTML 35Page - Analog Devices AD9381 Datasheet HTML 36Page - Analog Devices AD9381 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
AD9381
Rev. 0 | Page 33 of 44
0x87—Bits[6:0] New Data Flags (NDF)
This register indicates whether data in specific sections has
changed. In the address space from 0x80 to 0xFF, each register
address ending in 0b111 (for example, 0x87, 0x8F, 0x97, 0xAF)
is an NDF register. They all have the same data and all are reset
upon reading any one of them.
Table 29.
NDF Bit number
Changes Occurred
0
AVI infoframe
1
Audio infoframe
2
SPD infoframe
3
MPEG source infoframe
4
ACP packets
5
ISRC1 packets
6
ISRC2 packets
0x88—Bits[7:0] Active Line Start MSB
See Register 0x86.
0x89—Bits[7:0] Active Line End LSB
Combined with the MSB in Register 0x8A, these bits indicate
the last line of active video. All lines past this comprise a lower
horizontal bar. This is used in letter-box modes. If the 2-byte
value is greater than the number of lines in the display, there is
no lower horizontal bar.
0x8A—Bits[7:0] Active Line End MSB
See Register 0x89.
0x8B—Bits[7:0] Active Pixel Start LSB
Combined with the MSB in Register 0x8C, these bits indicate
the first pixel in the display that is active video. All pixels before
this comprise a left vertical bar. If the 2-byte value is 0x00, there
is no left bar.
0x8C—Bits[7:0] Active Pixel Start MSB
See Register 0x8B.
0x8D—Bits[7:0] Active Pixel End LSB
Combined with the MSB in Register 0x8E, these bits indicate
the last active video pixel in the display. All pixels past this
comprise a right vertical bar. If the 2-byte value is greater than
the number of pixels in the display, there is no vertical bar.
0x8E—Bits[7:0] Active Pixel End MSB
See Register 0x8D.
0x8F—Bits[6:0] NDF
See Register 0x87.
0x90—Bits[7:0] Audio Infoframe Version
0x91—Bits[7:4] Audio Coding Type
These bits identify the audio coding so that the receiver may
process audio properly.
Table 30.
CT [3:0]
Audio Coding
0x0
Refer to stream header
0x1
IEC60958 PCM
0x2
AC-3
0x3
MPEG1 (Layer 1 and Layer 2)
0x4
MP3 (MPEG1 Layer 3)
0x5
MPEG2 (multichannel)
0x6
AAC
0x7
DTS
0x8
ATRAC
0x91—Bits[2:0] Audio Channel Count
These bits specify how many audio channels are being sent—
2 channels to 8 channels.
Table 31.
CC [2:0]
Channel Count
000
Refer to stream header
001
2
010
3
011
4
100
5
101
6
110
7
111
8
0x92—Bits[4:2] Sampling Frequency
0x92—Bits[1:0] Ample Size
0x93—Bits[7:0] Max Bit Rate
For compressed audio only, when this value is multiplied by
8 kHz represents the maximum bit rate. A value of 0x08 in this
field yields a maximum bit rate of (8 kHz × 8 kHz = 64 kHz).
0x94—Bits[7:0] Speaker Mapping
These bits define the suggested placement of speakers.
Table 32.
Abbreviation
Speaker Placement
FL
Front left
FC
Front center
FR
Front right
FCL
Front center left
FCR
Front center right
RL
Rear left
RC
Rear center
RR
Rear right
RCL
Rear center left
RCR
Rear center right
LFE
Low frequency effect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com