Electronic Components Datasheet Search
  English  ▼

X  

AD9381 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9381
Description  HDMI Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9381 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9381 Datasheet HTML 14Page - Analog Devices AD9381 Datasheet HTML 15Page - Analog Devices AD9381 Datasheet HTML 16Page - Analog Devices AD9381 Datasheet HTML 17Page - Analog Devices AD9381 Datasheet HTML 18Page - Analog Devices AD9381 Datasheet HTML 19Page - Analog Devices AD9381 Datasheet HTML 20Page - Analog Devices AD9381 Datasheet HTML 21Page - Analog Devices AD9381 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
AD9381
Rev. 0 | Page 18 of 44
Hex
Address
Read/Write
or Read Only
Bits
Default Value
Register Name
Description
0x43
Read/Write
[4:0]
***00010
CSC_Coeff_B4 MSB
MSB, Register 0x44.
0x44
Read/Write
[7:0]
10010010
CSC_Coeff_B4 LSB
CSC coefficient for equation:
ROUT = (A1 × RIN) + (A2 × GIN) + (A3 × BIN) + A4
GOUT = (B1 × RIN) + (B2 × GIN) + (B3 × BIN) + B4
BOUT = (C1 × RIN) + (C2 × GIN) + (C3 × BIN) + C4
0x45
Read/Write
[4:0]
***00000
CSC_Coeff_C1 MSB
MSB, Register 0x46.
0x46
Read/Write
[7:0]
00000000
CSC_Coeff_C1 LSB
CSC coefficient for equation:
ROUT = (A1 × RIN) + (A2 × GIN) + (A3 × BIN) + A4
GOUT = (B1 × RIN) + (B2 × GIN) + (B3 × BIN) + B4
BOUT = (C1 × RIN) + (C2 × GIN) + (C3 × BIN) + C4
0x47
Read/Write
[4:0]
***01000
CSC_Coeff_C2 MSB
MSB, Register 0x48.
0x48
Read/Write
[7:0]
00000000
CSC_Coeff_C2 LSB
CSC coefficient for equation:
ROUT = (A1 × RIN) + (A2 × GIN) + (A3 × BIN) + A4
GOUT = (B1 × RIN) + (B2 × GIN) + (B3 × BIN) + B4
BOUT = (C1 × RIN) + (C2 × GIN) + (C3 × BIN) + C4
0x49
Read/Write
[4:0]
***01110
CSC_Coeff_C3 MSB
MSB, Register 0x4A.
0x4A
Read/Write
[7:0]
10000111
CSC_Coeff_C3 LSB
CSC coefficient for equation:
ROUT = (A1 × RIN) + (A2 × GIN) + (A3 × BIN) + A4
GOUT = (B1 × RIN) + (B2 × GIN) + (B3 × BIN) + B4
BOUT = (C1 × RIN) + (C2 × GIN) + (C3 × BIN) + C4
0x4B
Read/Write
[4:0]
***11000
CSC_Coeff_C4 MSB
MSB, Register 0x4C.
0x4C
Read/Write
[7:0]
10111101
CSC_Coeff_C4 LSB
CSC coefficient for equation:
ROUT = (A1 × RIN) + (A2 × GIN) + (A3 × BIN) + A4
GOUT = (B1 × RIN) + (B2 × GIN) + (B3 × BIN) + B4
BOUT = (C1 × RIN) + (C2 × GIN) + (C3 × BIN) + C4
0x50
Read/Write
[7:0]
00100000
Test
Must be written to 0x20 for proper operation.
0x56
Read/Write
[7:0]
00001111
Test
Must be written to default of 0x0F for proper
operation.
0x57
Read/Write
[7]
0*******
A/V Mute Override
A1 overrides the AV mute value with Bit 6.
[6]
*0******
AV Mute Value
Sets AV mute value if override is enabled.
[3]
****0***
Disable Video Mute
Disables mute of video during AV mute.
[2]
*****0**
Disable Audio Mute
Disables mute of audio during AV mute.
0x58
Read/Write
[7]
MCLK PLL Enable
MCLK PLL enable—uses analog PLL.
[6:4]
MCLK PLL_N
MCLK PLL N [2:0]—this controls the division of the
MCLK out of the PLL: 0 = /1, 1 = /2, 2 = /3, 3 = /4,
etc.
[3]
N_CTS_Disable
Prevents the N/CTS packet on the link from writing
to the N and CTS registers.
[2:0]
MCLK FS_N
Controls the multiple of 128 Fs, used for MCLK out .
0 = 128 fS, 1 = 256 fS, 2 = 384, 7 = 1024 fS.
0x59
Read/Write
[6]
MDA/MCL PU
This disables the MDA/MCL pull-ups.
[5]
CLK Term O/R
Clock termination power-down override: 0 = auto,
1 = manual.
[4]
Manual CLK Term
Clock termination: 0 = normal, 1 = disconnected.
[2]
FIFO Reset UF
This bit resets the audio FIFO if underflow is
detected.
[1]
FIFO Reset OF
This bit resets the audio FIFO if overflow is
detected.
[0]
MDA/MCL Three-State
This bit three-states the MDA/MCL lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com