Electronic Components Datasheet Search
  English  ▼

X  

AD9381 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9381
Description  HDMI Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9381 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9381 Datasheet HTML 28Page - Analog Devices AD9381 Datasheet HTML 29Page - Analog Devices AD9381 Datasheet HTML 30Page - Analog Devices AD9381 Datasheet HTML 31Page - Analog Devices AD9381 Datasheet HTML 32Page - Analog Devices AD9381 Datasheet HTML 33Page - Analog Devices AD9381 Datasheet HTML 34Page - Analog Devices AD9381 Datasheet HTML 35Page - Analog Devices AD9381 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
AD9381
Rev. 0 | Page 32 of 44
0x5E—Bits[7:6] Channel Status Mode
0x5E—Bits[5:3] PCM Audio Data
0x5E—Bit[2] Copyright Information
0x5E—Bit[1] Linear PCM Identification
0x5E—Bit[0] Use of Channel Status Block
0x5F—Bits[7:0] Channel Status Category Code
0x60—Bits[7:4] Channel Number
0x60—Bits[3:0] Source Number
0x61—Bits[5:4] Clock Accuracy
0x61—Bits[3:0] Sampling Frequency
Table 21.
Code
Frequency (kHz)
0x0
44.1
0x2
48
0x3
32
0x8
88.2
0xA
96
0xC
176.4
0xE
192
0x62—Bits[3-0] Word Length
0x7B—Bits[7:0] CTS (Cycle Time Stamp) (19:12)
These are the most significant 8 bits of a 20-bit word used in the
20-bit N term in the regeneration of the audio clock.
0x7C—Bits[7:0]CTS (11:4)
0x7D—Bits[7:4] CTS (3:0)
0x7D—Bits[3:0] N (19:16)
These are the most significant 4 bits of a 20-bit word used along
with the 20-bit CTS term to regenerate the audio clock.
0x80
AVI Infoframe Version
0x81—Bits[6:5] Y [1:0]
This register indicates whether data is RGB, 4:4:4, or 4:2:2.
Table 22.
Y
Video Data
00
RGB
01
YCbCr 4:2:2
10
YCbCr 4:4:4
0x81—Bit[4] Active Format Information Present
0 = no data. 1 = active format information valid.
0x81—Bits[3:2] Bar Information
Table 23.
B
Bar Type
00
No bar information
01
Horizontal bar information valid
10
Vertical bar information valid
11
Horizontal and vertical bar information valid
0x81—Bits[1:0] Scan Information
Table 24.
S [1:0]
Scan Type
00
No information
01
Overscanned (television)
10
Underscanned (computer)
0x82—Bits[7:6] Colorimetry
Table 25.
C [1:0]
Colorimetry
00
No data
01
SMPTE 170M, ITU601
10
ITU 709
0x82—Bits[5:4] Picture Aspect Ratio
Table 26.
M[1:0]
Aspect Ratio
00
No data
01
4:3
10
16:9
0x82—Bits[3:0] Active Format Aspect Ratio
Table 27.
R [3:0]
Active Format A/R
0x8
Same as picture aspect ratio (M [1:0])
0x9
4:3 (center)
0xA
16:9 (center)
0xB
14:9 (center)
0x83—Bits[1:0] Nonuniform Picture Scaling
Table 28.
SC [1:0]
Picture Scaling
00
No known nonuniform scaling
01
Has been scaled horizontally
10
Has been scaled vertically
11
Has been scaled both horizontally and vertically
0x84—Bits[6:0] Video ID Code
See CEA EDID short video descriptors.
0x85—Bits[3:0] Pixel Repeat
This value indicates how many times the pixel was repeated.
0x0 = no repeats, sent once; 0x8 = 8 repeats, sent 9 times; and
so on.
0x86—Bits[7:0] Active Line Start LSB
Combined with the MSB in Register 0x88, these bits indicate
the beginning line of active video. All lines before this comprise
a top horizontal bar. This is used in letter box modes. If the 2-
byte value is 0x00, there is no horizontal bar.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com