Electronic Components Datasheet Search
  English  ▼

X  

AD9381 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9381
Description  HDMI Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9381 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9381 Datasheet HTML 25Page - Analog Devices AD9381 Datasheet HTML 26Page - Analog Devices AD9381 Datasheet HTML 27Page - Analog Devices AD9381 Datasheet HTML 28Page - Analog Devices AD9381 Datasheet HTML 29Page - Analog Devices AD9381 Datasheet HTML 30Page - Analog Devices AD9381 Datasheet HTML 31Page - Analog Devices AD9381 Datasheet HTML 32Page - Analog Devices AD9381 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
AD9381
Rev. 0 | Page 29 of 44
0x2E—Bit[7] Ctrl Enable
When set, this bit allows Ctrl [3:0] signals decoded from the
DVI to be output on the I2S data pins. 0 = I2S signals on I2S
lines. 1 = Ctrl [3:0] output on I2S lines. The power-up default
setting is 0.
0x2E—Bits[6:5] I2S Output Mode
These bits select between four options for the I2S output: I2S,
right-justified, left-justified, or raw IEC60958 mode. The
power-up default setting is 00.
Table 15. I2S Output Select
I2S Output Mode
Result
00
I2S mode
01
Right-justified
10
Left-justified
11
Raw IEC60958 mode
0x2E—Bits[4:0] I2S Bit Width
These bits set the I2S bit width for right-justified mode. The
power-up default setting is 24 bits.
0x2F—Bit[6] TMDS Sync Detect
This read-only bit indicates the presence of a TMDS DE.
0 = no TMDS DE present. 1 = TMDS DE detected.
0x2F—Bit[5] TMDS Active
This read-only bit indicates the presence of a TMDS clock.
0 = no TMDS clock present. 1 = TMDS clock detected.
0x2F—Bit[4] AV Mute
This read-only bit indicates the presence of AV mute based on
general control packets. 0 = AV not muted. 1 = AV muted.
0x2F—Bit[3] HDCP Keys Read
This read-only bit reports if the HDCP keys were read
successfully. 0 = failure to read HDCP keys. 1 = HDCP keys
read.
0x2F—Bits[2:0] HDMI Quality
These read-only bits indicate a level of HDMI quality based on
the DE (display enable) edges. A larger number indicates a
higher quality.
0x30—Bit[6] HDMI Content Encrypted
This read-only bit is high when HDCP decryption is in use
(content is protected). The signal goes low when HDCP is not
being used. Customers can use this bit to determine whether or
not to allow copying of the content. The bit should be sampled
at regular intervals since it can change on a frame by frame
basis. 0 = HDCP not in use. 1 = HDCP decryption in use.
0x30—Bit[5] DVI HSYNC Polarity
This read-only bit indicates the polarity of the DVI HSYNC.
0 = DVI HSYNC polarity is low active. 1 = DVI HSYNC
polarity is high active.
0x30—Bit[4] DVI VSYNC Polarity
This read-only bit indicates the polarity of the DVI VSYNC.
0 = DVI VSYNC polarity is low active. 1 = DVI VSYNC polarity
is high active.
0x30—Bits[3:0] HDMI Pixel Repetition
These read-only bits indicate the pixel repetition on DVI. 0 =
1×, 1 = 2×, 2 = 3×, up to a maximum repetition of 10× (0x9).
Table 16.
Select
Repetition Multiplier
0000
1×
0001
2×
0010
3×
0011
4×
0100
5×
0101
6×
0110
7×
0111
8×
1000
9×
1001
10×
MACROVISION
®
0x31—Bits[7:4] Macrovision Pulse Max
These bits set the pseudo sync pulse width maximum for
Macrovision detection in pixel clocks. This is functional for
13.5 MHz SDTV or 27 MHz progressive scan. Power-up
default is 9.
0x31—Bits[3:0] Macrovision Pulse Min
These bits set the pseudo sync pulse width maximum for
Macrovision detection in pixel clocks. This is functional for
13.5 MHz SDTV or 27 MHz progressive scan. Power-up
default is 6.
0x32—Bit[7] Macrovision Oversample Enable
Tells the Macrovision detection engine whether oversampling is
used. This accommodates 27 MHz sampling for SDTV and 54
MHz sampling for progressive scan and is used as a correction
factor for clock counts. Power-up default is 0.
0x32—Bit[6] Macrovision PAL Enable
Tells the Macrovision detection engine to enter PAL mode when
set to 1. Default is 0 for NTSC mode.
0x32—Bits[5:0] Macrovision Line Count Start
Set the start line for Macrovision detection. Along with
Register 0x33, Bits [5:0], they define the region where MV
pulses are expected to occur. The power-up default is Line 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com