Electronic Components Datasheet Search
  English  ▼

X  

AD9381 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9381
Description  HDMI Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9381 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9381 Datasheet HTML 12Page - Analog Devices AD9381 Datasheet HTML 13Page - Analog Devices AD9381 Datasheet HTML 14Page - Analog Devices AD9381 Datasheet HTML 15Page - Analog Devices AD9381 Datasheet HTML 16Page - Analog Devices AD9381 Datasheet HTML 17Page - Analog Devices AD9381 Datasheet HTML 18Page - Analog Devices AD9381 Datasheet HTML 19Page - Analog Devices AD9381 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
AD9381
Rev. 0 | Page 16 of 44
Hex
Address
Read/Write
or Read Only
Bits
Default Value
Register Name
Description
[2:0]
*****000
Interlace Offset
Sets the difference (in HSYNCs) in field length
between Field 0 and Field 1.
0x28
Read/Write
[7:2]
011000**
VS Delay
Sets the delay (in lines) from the VSYNC leading
edge to the start of active video.
[1:0]
******01
HS Delay MSB
MSB, Register 0x29.
0x29
Read/Write
[7:0]
00000100
HS Delay
Sets the delay (in pixels) from the HSYNC leading
edge to the start of active video.
0x2A
Read/Write
[3:0]
****0101
Line Width MSB
MSB, Register 0x2B.
0x2B
Read/Write
[7:0]
00000000
Line Width
Sets the width of the active video line in pixels.
0x2C
Read/Write
[3:0]
****0010
Screen Height MSB
MSB, Register 0x2D.
0x2D
Read/Write
[7:0]
11010000
Screen Height
Sets the height of the active screen in lines.
0x2E
Read/Write
[7]
0*******
Ctrl EN
Allows Ctrl [3:0] to be output on the I2S data pins.
00 = I2S mode.
[6:5]
*00*****
I2S Out Mode
01 = right-justified.
10 = left-justified.
11 = raw IEC60958 mode.
[4:0]
***11000
I2S Bit Width
Sets the desired bit width for right-justified mode.
0x2F
Read
[6]
*0******
TMDS Sync Detect
Detects a TMDS DE.
[5]
**0*****
TMDS Active
Detects a TMDS clock.
[4]
***0****
AV Mute
Gives the status of AV mute based on general
control packets.
[3]
****0***
HDCP Keys Read
Returns 1 when read of EEPROM keys is successful.
[2:0]
*****000
HDMI Quality
Returns quality number based on DE edges.
0x30
Read
[6]
*0******
HDMI Content Encrypted
This bit is high when HDCP decryption is in use
(content is protected). The signal goes low when
HDCP is not being used. Customers can use this bit
to allow copying of the content. The bit should be
sampled at regular intervals because it can change
on a frame-by-frame basis.
[5]
**0*****
DVI HSYNC Polarity
Returns DVI HSYNC polarity.
[4]
***0****
DVI VSYNC Polarity
Returns DVI VSYNC polarity.
[3:0]
****0000
HDMI Pixel Repetition
Returns current HDMI pixel repetition amount.
0 = 1×, 1 = 2×, ... .The clock and data outputs
automatically de-repeat by this value.
0x31
Read/Write
[7:4]
1001****
MV Pulse Max
Sets the maximum pseudo sync pulse width for
Macrovision® detection.
[3:0]
****0110
MV Pulse Min
Sets the minimum pseudo sync pulse width for
Macrovision detection.
0x32
Read/Write
[7]
0*******
MV Oversample En
Tells the Macrovision detection engine whether we
are oversampling or not.
[6]
*0******
MV Pal En
Tells the Macrovision detection engine to enter PAL
mode.
[5:0]
**001101
MV Line Count Start
Sets the start line for Macrovision detection.
0x33
Read/Write
[7]
1*******
MV Detect Mode
0 = standard definition.
1 = progressive scan mode.
[6]
*0******
MV Settings Override
0 = use hard-coded settings for line counts and
pulse widths.
1 = use I2C values for these settings.
[5:0]
**010101
MV Line Count End
Sets the end line for Macrovision detection.
0x34
Read/Write
[7:6]
10******
MV Pulse Limit Set
Sets the number of pulses required in the last 3
lines (SD mode only).
[5]
**0*****
Low Freq Mode
Sets audio PLL to low frequency mode. Low
frequency mode should only be set for pixel clocks
<80 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com