Electronic Components Datasheet Search
  English  ▼

X  

CDB5378 Datasheet(PDF) 46 Page - Cirrus Logic

Part # CDB5378
Description  Single-channel Seismic Evaluation System
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5378 Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CDB5378 Datasheet HTML 42Page - Cirrus Logic CDB5378 Datasheet HTML 43Page - Cirrus Logic CDB5378 Datasheet HTML 44Page - Cirrus Logic CDB5378 Datasheet HTML 45Page - Cirrus Logic CDB5378 Datasheet HTML 46Page - Cirrus Logic CDB5378 Datasheet HTML 47Page - Cirrus Logic CDB5378 Datasheet HTML 48Page - Cirrus Logic CDB5378 Datasheet HTML 49Page - Cirrus Logic CDB5378 Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 72 page
background image
CDB5378
46
DS639DB3
3.4.1
Test Select
The Test Select control sets the type of analysis to be run on the collected data set.
Control
Description
Time Domain
Runs a min / max calculation on the collected data set and then plots sample data
value vs. sample number.
Histogram
Runs a histogram calculation on the collected data set and then plots sample occur-
rence vs. sample value. Only valid for noise data since sine wave data varies over
too many codes to plot as a histogram.
Signal FFT
Runs an FFT on the collected data set and then plots frequency magnitude vs. fre-
quency. Statistics are calculated using the largest frequency magnitude bin as a full-
scale signal reference.
Noise FFT
Runs an FFT on the collected data set and then plots frequency magnitude vs. fre-
quency. Statistics are calculated using a simulated full-scale signal as a full-scale sig-
nal reference.
Phase
Runs an FFT on the collected data set and then plots phase vs. frequency. Limited
usefulness for real collected data since noise has random phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com