Electronic Components Datasheet Search
  English  ▼

X  

CDB5378 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CDB5378
Description  Single-channel Seismic Evaluation System
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5378 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CDB5378 Datasheet HTML 23Page - Cirrus Logic CDB5378 Datasheet HTML 24Page - Cirrus Logic CDB5378 Datasheet HTML 25Page - Cirrus Logic CDB5378 Datasheet HTML 26Page - Cirrus Logic CDB5378 Datasheet HTML 27Page - Cirrus Logic CDB5378 Datasheet HTML 28Page - Cirrus Logic CDB5378 Datasheet HTML 29Page - Cirrus Logic CDB5378 Datasheet HTML 30Page - Cirrus Logic CDB5378 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
CDB5378
DS639DB3
27
Many connections to the C8051F320 microcontroller are inactive by default, but are provided for conve-
nience during custom reprogramming. Listed below are the default active connections to the microcon-
troller and how they are used.
2.3.4.1
SPI Interface
The microcontroller SPI interface communicates with the CS5378 digital filter to write/read configuration
information and collect conversion data from the SPI port. Detailed information about interfacing to the
digital filter SPI port can be found in the CS5378 data sheet.
2.3.4.2
USB Interface
The microcontroller USB interface communicates with the PC evaluation software to receive configuration
commands and return collected conversion data. The USB interface uses the Silicon Laboratories API
and Windows drivers, which are available free from the internet (http://www.silabs.com).
2.3.4.3
Reset Source
By default, the C8051F320 microcontroller receives its reset signal from the RESET_PBz push button.
2.3.4.4
Clock Source
By default, the C8051F320 microcontroller uses an internally generated 12 MHz clock for compatibility
with USB standards.
2.3.4.5
Timebreak Signal
By default, the C8051F320 microcontroller sends the TIMEB_MC signal to the digital filter for the first col-
lected sample of a data record. By default, 100 initial samples are skipped during data collection to ensure
the CS5378 digital filters are fully settled, and the timebreak signal is automatically set for the first “real”
collected sample.
2.3.4.6
C2 Debug Interface
Through the PC evaluation software, the microcontroller default firmware can be automatically flashed to
the latest version without connecting an external programmer. To flash custom firmware, software tools
and an inexpensive hardware programmer (DEBUGADPTR1-USB) that connects to the C2 Debug Inter-
face on CDB5378 are available from Silicon Laboratories.
2.3.5
RS-485 Telemetry
By default, CDB5378 communicates with the PC evaluation software through the microcontroller USB
port. Additional hardware is designed onto CDB5378 to use the microcontroller I2C port as a low-level
local telemetry, but it is provided for custom programming convenience only and is not directly supported
by the CDB5378 PC evaluation software or microcontroller firmware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com