Electronic Components Datasheet Search
  English  ▼

X  

CDB5378 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CDB5378
Description  Single-channel Seismic Evaluation System
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5378 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CDB5378 Datasheet HTML 14Page - Cirrus Logic CDB5378 Datasheet HTML 15Page - Cirrus Logic CDB5378 Datasheet HTML 16Page - Cirrus Logic CDB5378 Datasheet HTML 17Page - Cirrus Logic CDB5378 Datasheet HTML 18Page - Cirrus Logic CDB5378 Datasheet HTML 19Page - Cirrus Logic CDB5378 Datasheet HTML 20Page - Cirrus Logic CDB5378 Datasheet HTML 21Page - Cirrus Logic CDB5378 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
CDB5378
18
DS639DB3
The CS3301/02 amplifier outputs include internal series resistors, so a differential anti-alias RC filter is
created by connecting 20 nF of high-linearity differential capacitance (2x 10 nF C0G) between each half
of the rough and fine signals. External 0-ohm resistors are included in series with the amplifier internal
anti-alias resistors to support testing of other anti-alias RC filter configurations.
2.2.3
Delta-Sigma Modulator
The CS5373A
∆Σ modulator performs the A/D function for the differential analog signal from the
CS3301/02 amplifier. The digital output from the modulator is an oversampled
∆Σ bit stream.
2.2.3.1
Rough-Fine Inputs - INR, INF
The modulator analog inputs are separated into rough and fine signals, each of which has a differential
anti-alias RC filter to limit the input signal bandwidth.
Figure 2. Quad Group Routing of RC Filter Components
INR+
INF+
INF-
INR-
INR+
INF+
INF-
INR-
Analog Signals
Description
INR, INF
Modulator analog rough / fine inputs
VREF
Voltage reference analog inputs
Digital Signals
Description
MDATA
Modulator delta-sigma data output
MFLAG
Modulator over-range flag output
MCLK
Clock input
MSYNC
Synchronization input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com