Electronic Components Datasheet Search
  English  ▼

X  

CDB5378 Datasheet(PDF) 42 Page - Cirrus Logic

Part # CDB5378
Description  Single-channel Seismic Evaluation System
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5378 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CDB5378 Datasheet HTML 38Page - Cirrus Logic CDB5378 Datasheet HTML 39Page - Cirrus Logic CDB5378 Datasheet HTML 40Page - Cirrus Logic CDB5378 Datasheet HTML 41Page - Cirrus Logic CDB5378 Datasheet HTML 42Page - Cirrus Logic CDB5378 Datasheet HTML 43Page - Cirrus Logic CDB5378 Datasheet HTML 44Page - Cirrus Logic CDB5378 Datasheet HTML 45Page - Cirrus Logic CDB5378 Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 72 page
background image
CDB5378
42
DS639DB3
3.3.5
Gain / Offset
The Gain / Offset sub-panel controls the digital filter GAIN and OFFSET registers.
The OFFSET and GAIN registers can be manually written with any 24-bit 2’s complement value from
0x800000 to 0x7FFFFF. The USEGR, USEOR, ORCAL, and EXP[4:0] values enable gain correction, off-
set correction, and offset calibration in the digital filter.
The offset calibration routine built into the digital filter is enabled by writing the ORCAL and EXP[4:0] bits.
The EXP[4:0] value can range from 0x00 to 0x18 and represents an exponential shift of the calibration
feedback, as described in the digital filter data sheet. Offset calibration results are automatically written to
the OFFSET registers and remain there, even after offset calibration is disabled.
Control
Description
Gain
Displays the digital filter GAIN register.
Offset
Displays the digital filter OFFSET register.
Read
Reads values from the GAIN and OFFSET registers.
Write
Writes values to the GAIN and OFFSET registers.
USEGR
Enables gain correction. When enabled, output samples are gained down by the
value in the GAIN register.(Output = GAIN / 0x7FFFFF).
USEOR
Enables offset correction. When enabled, output samples are offset by the value in
the OFFSET register. (Output = Sample - OFFSET).
ORCAL
Enables offset calibration using the exponent value from the EXP[4:0] control.
Results are automatically written to the OFFSET registers as they are calculated.
EXP[4:0]
Sets the exponential value used by offset calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com