Electronic Components Datasheet Search
  English  ▼

X  

CDB5378 Datasheet(PDF) 48 Page - Cirrus Logic

Part # CDB5378
Description  Single-channel Seismic Evaluation System
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5378 Datasheet(HTML) 48 Page - Cirrus Logic

Back Button CDB5378 Datasheet HTML 44Page - Cirrus Logic CDB5378 Datasheet HTML 45Page - Cirrus Logic CDB5378 Datasheet HTML 46Page - Cirrus Logic CDB5378 Datasheet HTML 47Page - Cirrus Logic CDB5378 Datasheet HTML 48Page - Cirrus Logic CDB5378 Datasheet HTML 49Page - Cirrus Logic CDB5378 Datasheet HTML 50Page - Cirrus Logic CDB5378 Datasheet HTML 51Page - Cirrus Logic CDB5378 Datasheet HTML 52Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 72 page
background image
CDB5378
48
DS639DB3
3.4.5
Zoom
The ZOOM function allows an area on the graph to be expanded.
To use the zoom function, click the ZOOM button and select the box corners of the area on the graph to
expand. The graph will then expand to show the details of this area, and the plot axes will be re-scaled.
While zoomed, you can zoom in farther by repeating the process.
To restore the graph to its original scale, click the RESTORE button that appears while zoomed. If mul-
tiple zooms have been initiated, the RESTORE button will return to the previously viewed plot scale. Re-
peated RESTORE will eventually return to the original plot scale. From within multiple zooms the original
scale can be directly restored by clicking the REFRESH button.
3.4.6
Refresh
The REFRESH button will clear and re-plot the current data set. Refresh can be used to apply new anal-
ysis parameters from the Data Capture sub-panel, or to restore a ZOOM graph to its default plot scale.
3.4.7
Harmonics
The HARMONICS control is only visible during a Signal FFT analysis and highlights the fundamental and
harmonic bins used to calculate the Signal FFT statistics. HARMONICS highlighting helps to understand
the source of any Signal FFT plot errors.
3.4.8
Spot Noise
The Spot Noise control (labeled dB or nV) is only visible during a Noise FFT analysis and selects the units
used for plotting the graph, either dB/Hz or nV/rtHz. The dB/Hz plot applies the Full Scale Code value from
the Data Capture sub-panel on the Setup panel to determine the 0 dB point of the dB axis. The nV/rtHz
plot applies the Full Scale Voltage value from the Data Capture sub-panel on the Setup panel to deter-
mine the absolute scaling of the nV axis.
3.4.9
Plot Error
The PLOT ERROR control provides information about errors that occured during an analysis.
An analysis error stores an error code in the numerical display box of the PLOT ERROR control. If more
than one error occurs, all error codes are stored and the last error code is displayed. Any of the accumu-
lated error codes can be displayed by clicking on the numerical box and selecting it.
Once an error code is displayed in the numerical box, a description can be displayed by clicking the PLOT
ERROR button. This causes a dialog box to display showing the error number and a text error message.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com