Electronic Components Datasheet Search
  English  ▼

X  

INA741 Datasheet(PDF) 22 Page - Texas Instruments

Part # INA741
Description  INA741 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA741 Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA741 Datasheet HTML 18Page - Texas Instruments INA741 Datasheet HTML 19Page - Texas Instruments INA741 Datasheet HTML 20Page - Texas Instruments INA741 Datasheet HTML 21Page - Texas Instruments INA741 Datasheet HTML 22Page - Texas Instruments INA741 Datasheet HTML 23Page - Texas Instruments INA741 Datasheet HTML 24Page - Texas Instruments INA741 Datasheet HTML 25Page - Texas Instruments INA741 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
7.6.1.7 Energy Result (ENERGY) Register (Address = 9h) [reset = 0h]
The ENERGY register is shown in Table 7-11.
Return to the Summary Table.
Table 7-11. ENERGY Register Field Descriptions
Bit
Field
Type
Reset
Description
39-0
ENERGY
R
0h
Calculated energy output.
Output value is in Joules.Unsigned representation. Positive value.
Conversion factor: 3.84 mJ/LSB.
7.6.1.8 Charge Result (CHARGE) Register (Address = Ah) [reset = 0h]
The CHARGE register is shown in Table 7-12.
Return to the Summary Table.
Table 7-12. CHARGE Register Field Descriptions
Bit
Field
Type
Reset
Description
39-0
CHARGE
R
0h
Calculated charge output. Output value is in Coulombs.Two's
complement value.
Conversion factor: 75 μC//LSB.
7.6.1.9 Diagnostic Flags and Alert (DIAG_ALRT) Register (Address = Bh) [reset = 0001h]
The DIAG_ALRT register is shown in Table 7-13.
Return to the Summary Table.
Table 7-13. DIAG_ALRT Register Field Descriptions
Bit
Field
Type
Reset
Description
15
ALATCH
R/W
0h
When the Alert Latch Enable bit is set to Transparent mode, the
Alert pin and Flag bit reset to the idle state when the fault has been
cleared.
When the Alert Latch Enable bit is set to Latch mode, the Alert pin
and Alert Flag bit remain active following a fault until the DIAG_ALRT
Register has been read.
0h = Transparent
1h = Latched
14
CNVR
R/W
0h
Setting this bit high configures the Alert pin to be asserted when
the Conversion Ready Flag (bit 1) is asserted, indicating that a
conversion cycle has completed.
0h = Disables conversion ready flag on ALERT pin
1h = Enables conversion ready flag on ALERT pin
13
SLOWALERT
R/W
0h
When enabled, ALERT function is asserted on the completed
averaged value.
This gives the flexibility to delay the ALERT until after the averaged
value.
0h = ALERT comparison on non-averaged (ADC) value
1h = ALERT comparison on averaged value
12
APOL
R/W
0h
Alert Polarity bit sets the Alert pin polarity.
0h = Normal (active-low, open-drain)
1h = Inverted (active-high, open-drain )
11
ENERGYOF
R
0h
This bit indicates the health of the ENERGY register.
If the 40-bit ENERGY register has overflowed this bit is set to 1.
0h = Normal
1h = Overflow
Clears by setting the RSTACC field in the Configuration register.
INA741
SBOSAC2 – JULY 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA741



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com