Electronic Components Datasheet Search
  English  ▼

X  

INA741 Datasheet(PDF) 8 Page - Texas Instruments

Part # INA741
Description  INA741 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA741 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA741 Datasheet HTML 4Page - Texas Instruments INA741 Datasheet HTML 5Page - Texas Instruments INA741 Datasheet HTML 6Page - Texas Instruments INA741 Datasheet HTML 7Page - Texas Instruments INA741 Datasheet HTML 8Page - Texas Instruments INA741 Datasheet HTML 9Page - Texas Instruments INA741 Datasheet HTML 10Page - Texas Instruments INA741 Datasheet HTML 11Page - Texas Instruments INA741 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
7 Detailed Description
7.1 Overview
The INA741 device is a digital current sense amplifier with an integrated current sensing element. The device
measures current, bus voltage and internal temperature while calculating power, energy and charge necessary
for accurate decision making in precisely controlled systems. Programmable registers allow flexible configuration
for measurement precision as well as continuous or triggered operation. Detailed register information is found in
Register Maps.
7.2 Functional Block Diagram
GND
20 – bit
ADC
V
I
Common-mode Voltage
(-0.1 V to 85 V)
TI Device
IS+
IS-
±0.5% Oscillator
VBUS
IN+
IN-
SH+
SH-
Power
Current
Bus Voltage
Temperature
Energy
Charge
Alert_Diag
Shunt TC
Compensation
Registers
V
I
I
2C / SMBus
Interface
A0
A1
ALERT
SDA
SCL
0.1 µF
VS
Supply Voltage
(2.7 V to 5.5 V)
7.3 Feature Description
7.3.1 Integrated Shunt Resistor
The INA741 is a precise, low-drift, digital power monitor that provides accurate measurements over the entire
specified ambient temperature range of –40°C to +125°C. The integrated current-sensing resistor is internally
compensated to provide measurement stability over temperature, while simplifying printed circuit board (PCB)
layout and size constraints.
Access to the on-chip current-sensing resistor is provided by the IS+ and IS- pins. This resistor features internal
sense connections that are brought out on the SH+ and SH- pins. Access to the digital power monitor is
provided by the IN+ and IN- pins. When the shunt sense connections are connected to the digital power monitor
inputs, the sensed voltage is calibrated and temperature compensated to achieve a high level of accuracy.
The construction of this resistor does not allow it to be used as a stand-alone component for accurate current
measurement. The INA741 is system-calibrated to ensure that the current-sensing resistor and digital power
monitor are both precisely matched to one another.
The nominal pin-to-pin resistance from IS+ to IS- is approximately 900 μΩ, while the internal resistance seen by
the SH+ and SH- pins is nominally 800 μΩ. The power dissipation requirements of the system and package are
based on the total package resistance between the IS+ and IS– pins.
7.3.2 Safe Operating Area
The heat generated by the device power dissipation limits the maximum current that can be safely handled by
the package. The current consumed to power the device is low, therefore the primary source of heating is due
to the current flow through the internal shunt resistor. The maximum safe-operating current level shown in Figure
7-1 is set to ensure that the heat generated in the package is limited so that the internal junction temperature of
the silicon does not exceed 165°C. This data was collected on the INA741 evaluation module (SENS108E1).
INA741
SBOSAC2 – JULY 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA741



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com