Electronic Components Datasheet Search
  English  ▼

X  

INA741 Datasheet(PDF) 33 Page - Texas Instruments

Part # INA741
Description  INA741 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA741 Datasheet(HTML) 33 Page - Texas Instruments

Back Button INA741 Datasheet HTML 29Page - Texas Instruments INA741 Datasheet HTML 30Page - Texas Instruments INA741 Datasheet HTML 31Page - Texas Instruments INA741 Datasheet HTML 32Page - Texas Instruments INA741 Datasheet HTML 33Page - Texas Instruments INA741 Datasheet HTML 34Page - Texas Instruments INA741 Datasheet HTML 35Page - Texas Instruments INA741 Datasheet HTML 36Page - Texas Instruments INA741 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
www.ti.com
PACKAGE OUTLINE
4.1
3.9
5.1
4.9
1.0
0.8
0.05
0.00
2X 1.05
12X 0.6
0.4
12X 0.35
0.25
2X 1.0
0.8
2X 0.55
0.45
4X 0.525
6X 0.3
0.2
2X 2.1
.000 PKG
0
1.5
0.9
2X 0.3
2X 0.3
0.9
1.5
2X 2.1
(0.2) TYP
VQFN - 1 mm max height
REM0014B
PLASTIC QUAD FLATPACK - NO LEAD
4228722/A 05/2022
0.08 C
0.1
C A B
0.05
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
PIN 1 INDEX AREA
SEATING PLANE
PKG
1
6
7
8
13
14
SCALE 3.000
A
B
C
www.ti.com
INA741
SBOSAC2 – JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: INA741



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com