Electronic Components Datasheet Search
  English  ▼

X  

INA741 Datasheet(PDF) 4 Page - Texas Instruments

Part # INA741
Description  INA741 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA741 Datasheet(HTML) 4 Page - Texas Instruments

  INA741 Datasheet HTML 1Page - Texas Instruments INA741 Datasheet HTML 2Page - Texas Instruments INA741 Datasheet HTML 3Page - Texas Instruments INA741 Datasheet HTML 4Page - Texas Instruments INA741 Datasheet HTML 5Page - Texas Instruments INA741 Datasheet HTML 6Page - Texas Instruments INA741 Datasheet HTML 7Page - Texas Instruments INA741 Datasheet HTML 8Page - Texas Instruments INA741 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VS
Supply voltage
6
V
VIN+, VIN– (2)
Common mode voltage
–0.3
85
V
VALERT
ALERT
–0.3
Vs + 0.3
V
VIO
SDA, SCL
–0.3
6
V
IIN
Input current into any pin, excluding IS+ and IS–
5
mA
IOUT
Digital output current
10
mA
TJ
Junction temperature
165
°C
Tstg
Storage temperature
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
VIN+ and VIN– are the voltages at the IN+ and IN– pins, respectively.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
pins(1)
±2000
V
Charged device model (CDM), per ANSI/ESDA/JEDEC JS-002, all
pins(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCM
Common-mode input voltage
–0.1
85
V
VS
Operating supply voltage
2.7
5.5
V
TA
Specified ambient temperature
–40
125
°C
6.4 Thermal Information
THERMAL METRIC(1) (2)
INA741
UNIT
REM (QFN)
14 PINS
RθJA
Junction-to-ambient thermal resistance
112.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
56.6
°C/W
RθJB
Junction-to-board thermal resistance
82.0
°C/W
ΨJT
Junction-to-top characterization parameter
6.2
°C/W
YJB
Junction-to-board characterization parameter
81.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
Thermal metrics are relative to the internal die and are conservative relative to the heating that would occur from the package
leadframe shunt. For more details on heating, see the Safe Operating Area section.
INA741
SBOSAC2 – JULY 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA741



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com