Electronic Components Datasheet Search
  English  ▼

X  

INA741 Datasheet(PDF) 3 Page - Texas Instruments

Part # INA741
Description  INA741 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA741 Datasheet(HTML) 3 Page - Texas Instruments

  INA741 Datasheet HTML 1Page - Texas Instruments INA741 Datasheet HTML 2Page - Texas Instruments INA741 Datasheet HTML 3Page - Texas Instruments INA741 Datasheet HTML 4Page - Texas Instruments INA741 Datasheet HTML 5Page - Texas Instruments INA741 Datasheet HTML 6Page - Texas Instruments INA741 Datasheet HTML 7Page - Texas Instruments INA741 Datasheet HTML 8Page - Texas Instruments INA741 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
5 Pin Configuration and Functions
SH+
IN+
A1
A0
SDA
SCL
SH-
IN-
ALERT
VS
GND
VBUS
IS-
IS+
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Figure 5-1. REM Package 14-Pin QFN Top View
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
SH+
Analog output
Shunt positive sense connection
2
IN+
Analog input
Positive input to digital power monitor.
3
A1
Digital input
I2C address pin. Connect to GND, SCL, SDA, or VS.
4
A0
Digital input
I2C address pin. Connect to GND, SCL, SDA, or VS.
5
SDA
Digital input/output
Open-drain bidirectional I2C data.
6
SCL
Digital input
I2C clock input.
7
IS–
Analog input
Negative high current shunt connection.
8
SH–
Analog output
Shunt negative sense connection.
9
IN–
Analog input
Negative input to digital power monitor.
10
ALERT
Digital output
Open-drain alert output, default state is active low.
11
VS
Power supply
Power supply, 2.7 V to 5.5 V.
12
GND
Ground
Ground.
13
VBUS
Analog input
Bus voltage input.
14
IS+
Analog input
Positive high current shunt connection.
www.ti.com
INA741
SBOSAC2 – JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: INA741



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com