Electronic Components Datasheet Search
  English  ▼

X  

INA741 Datasheet(PDF) 28 Page - Texas Instruments

Part # INA741
Description  INA741 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA741 Datasheet(HTML) 28 Page - Texas Instruments

Back Button INA741 Datasheet HTML 24Page - Texas Instruments INA741 Datasheet HTML 25Page - Texas Instruments INA741 Datasheet HTML 26Page - Texas Instruments INA741 Datasheet HTML 27Page - Texas Instruments INA741 Datasheet HTML 28Page - Texas Instruments INA741 Datasheet HTML 29Page - Texas Instruments INA741 Datasheet HTML 30Page - Texas Instruments INA741 Datasheet HTML 31Page - Texas Instruments INA741 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
Table 8-2. INA741 Noise Performance (continued)
ADC CONVERSION TIME
PERIOD [µs]
OUTPUT SAMPLE AVERAGING
[SAMPLES]
OUTPUT SAMPLE PERIOD [ms]
NOISE-FREE ENOB
CURRENT MEASUREMENT
50
64
3.2
13.1
84
5.376
13.2
150
9.6
14.0
280
17.92
14.6
540
34.56
15.0
1052
67.328
15.4
2074
132.736
16.0
4120
263.68
16.4
50
128
6.4
13.7
84
10.752
13.7
150
19.2
14.3
280
35.84
15.3
540
69.12
15.5
1052
134.656
16.0
2074
265.472
16.5
4120
527.36
17.0
50
256
12.8
14.3
84
21.504
14.4
150
38.4
14.9
280
71.68
15.5
540
138.24
16.0
1052
269.312
16.6
2074
530.944
16.9
4120
1054.72
17.3
50
512
25.6
14.5
84
43
15.0
150
76.8
15.8
280
143.36
15.8
540
276.48
16.4
1052
538.624
17.1
2074
1061.888
17.7
4120
2109.44
17.7
50
1024
51.2
15.2
84
86.016
15.5
150
153.6
16.0
280
286.72
16.4
540
552.96
16.9
1052
1077.248
17.7
2074
2123.776
18.1
4120
4218.88
19.2
8.2 Typical Application
The low offset voltage and low input bias current of the INA741 allow accurate monitoring of a wide range of
currents. Figure 8-2 shows a circuit example for monitoring currents in a high-side configuration.
INA741
SBOSAC2 – JULY 2023
www.ti.com
28
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA741



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com