Electronic Components Datasheet Search
  English  ▼

X  

INA741 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA741
Description  INA741 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA741 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA741 Datasheet HTML 2Page - Texas Instruments INA741 Datasheet HTML 3Page - Texas Instruments INA741 Datasheet HTML 4Page - Texas Instruments INA741 Datasheet HTML 5Page - Texas Instruments INA741 Datasheet HTML 6Page - Texas Instruments INA741 Datasheet HTML 7Page - Texas Instruments INA741 Datasheet HTML 8Page - Texas Instruments INA741 Datasheet HTML 9Page - Texas Instruments INA741 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
at TA = 25 °C, VS = 3.3 V, ISENSE = 0 A, VCM = VIN– = VBUS= 48 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Temperature accuracy
TA = 25°C
±0.15
±1.5
°C
TA= –40°C to +125°C
±0.2
±2.5
°C
INTEGRATED SHUNT
Internal kelvin resistance
SH+ to SH–, TA = 25°C
700
800
950
µΩ
Pin to pin package resistance
IS+ to IS–, TA = 25°C
800
1000
1300
µΩ
Maximum continuous current
–40°C ≤ TA ≤ 125°C
±25
A
Short time overload change
ISENSE = 50 A for 5 seconds
±0.05
%
Change due to temperature cycling –65°C ≤ TA ≤ 150°C, 500 cycles
±0.1
%
Resistance change to solder heat
260°C solder, 10 s
±0.1
%
High temperature exposure change 1000 hours, TA = 165°C
±0.15
%
Cold temperature storage change
24 hours, TA = –65°C
±0.025
%
POWER SUPPLY
VS
Supply voltage
2.7
5.5
V
VPOR
POR Voltage Level
Supply rising
1.28
V
IQ
Quiescent current
VSENSE = 0 V
640
750
µA
VSENSE = 0 V, TA = –40°C to +125°C
1
mA
IQSD
Quiescent current, shutdown
Shutdown mode
2.8
5
µA
TPOR
Device start-up time
Power-up (NPOR)
300
µs
From shutdown mode
60
DIGITAL INPUT / OUTPUT
VIH
Logic input level, high
SDA, SCL
1.2
5.5
V
VIL
Logic input level, low
GND
0.4
V
VOL
Logic output level, low
IOL = 3 mA
GND
0.4
V
IIO_LEAK Digital leakage input current
0 ≤ VIN ≤ VS
–1
1
µA
(1)
Subject to oscillator accuracy and drift
INA741
SBOSAC2 – JULY 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA741



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com