Electronic Components Datasheet Search
  English  ▼

X  

82C862 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # 82C862
Description  FireLink USB Dual Controller Quad Port USB
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

82C862 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button 82C862 Datasheet HTML 24Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 25Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 26Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 27Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 28Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 29Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 30Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 31Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
FireLink USB
82C862
912-2000-030
Revision: 1.0
Page 24
®
5.1.2
PCICFG 00h-FFh
7
6
5
4
3
2
1
0
PCICFG 00h
Vendor Identification Register (RO)
Default = 45h
PCICFG 01h
Default = 10h
PCICFG 02h
Device Identification Register (RO)
Default = 61h
PCICFG 03h
Default = C8h
PCICFG 04h
Command Register - Byte 0
Default = 00h
Wait cycle
control:
USB core does
not need to
insert a wait
state between
address and
data on the AD
lines. This bit is
always 0.
PERR#
(response)
detection
enable bit:
0 = PERR# not
asserted
1 = USB core
can assert
PERR# if it
is the
receiving
data agent
and detects
a data
parity error.
VGA palette
snooping:
This bit is
always 0.
Postable
memory write
command:
Not used when
USB core is a
master. This bit
is always 0.
Special Cycles:
USB core does
not run Special
Cycles on PCI.
This bit is
always 0.
USB core
can run
PCI master
cycles:
0 = Disable
1 = Enable
USB core
responds as
a target to
memory
cycles.
0 = Disable
1 = Enable
USB core
responds as
a target to I/O
cycles:
0 = Disable
1 = Enable
PCICFG 05h
Command Register - Byte 1
Default = 00h
Reserved: These bits are always 0.
Back-to-back
enable:
USB core only
acts as a
master to a
single device,
so this
functionality is
not needed.
This bit is
always 0.
SERR#
(response)
detection
enable bit:
0 = SERR# not
asserted
1 = USB core
asserts
SERR#
PCICFG 06h
Status Register - Byte 0
Default = 90h
Fast back-to-
back capability:
USB core
supports fast
back-to-back
transactions
when they are
not to same
agent. This bit
is always 1.
Reserved
Capabilities bit
(RO):
0=No PCI
Power
Management
1=PCI Power
Management
Available
See note.
Reserved
Note: Bit [4] enables extended PCI capabilities. This bit =1 by default, enabling PCI power management capabilities. PCI power
management is enabled/disabled by a strap option, which can be overridden by writing PCICFG 4Dh[1]=0 to disable PCI PM, or writing
PCICFG 4Dh[1]=1 to enable PCI PM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com