Electronic Components Datasheet Search
  English  ▼

X  

82C862 Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # 82C862
Description  FireLink USB Dual Controller Quad Port USB
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

82C862 Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button 82C862 Datasheet HTML 43Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 44Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 45Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 46Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 47Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 48Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 49Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 50Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 51Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 51 / 51 page
background image
FireLink USB
82C862
912-2000-030
Revision 1.0
Page 47
®
8.0
NAND Tree Test Mode
The NAND tree mode tests both input and bi-directional pins that are part of the NAND tree chain. The NAND tree chain starts
at pin 21 (TEST0) while the output of the chain is at pin 4 (AD0).
To enable the NAND tree test mode, strap FireLink 2.0 by pulling up the following pins during the rising edge of RESET#: Pin
25 (TEST1) and Pin 21 (TEST0). For reliable strapping, toggle PCICLK at least two times after RESET# goes low, and at least
two times after RESET# goes high. After that strapping sequence, set both RESET# and PCICLK high. Do not toggle RESET#
and PCICLK during the NAND tree test.
Once in NAND tree mode, all pins together form the inputs to a NAND gate, with AD0 becoming the output of the NAND gate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com