Electronic Components Datasheet Search
  English  ▼

X  

82C862 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # 82C862
Description  FireLink USB Dual Controller Quad Port USB
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

82C862 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button 82C862 Datasheet HTML 36Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 37Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 38Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 39Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 40Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 41Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 42Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 43Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
FireLink USB
82C862
912-2000-030
Revision: 1.0
Page 36
®
7
6
5
4
3
2
1
0
MEMOFST 55h
HcRhPort1Status Register - Byte 1
Default = 00h
Reserved
Read: Low
Speed Device
Attached(1)
0 = Full speed
device
1 = Low speed
device
Write: Clear
Port Power
0 = No effect
1 = Clears Port
Power
Status (bit
0)
Read: Port
Power Status(2)
0 = Port power
is off
1 = Port power
is on
Write: Set Port
Power
0 = No effect
1 = Sets Port
Power
Status
(1) Bit 1 defines the speed (and bus idle) of the attached device. It is only valid when Current Connect Status (MEMOFST 54h[0]) bit is set.
(2) Bit 0 reflects the power state of the port regardless of the power switching mode. If the No Power Switching (MEMOFST 49h[1]) bit is set,
bit 0 is always read as 1.
MEMOFST 56h
HcRhPort1Status Register - Byte 2
Default = 00h
Reserved
Port Reset
Status Change
0 = Port reset is
not
complete
1 = Port reset is
complete
Port Over-
current
Indicator
Change
This bit is set
when the Over-
current
Indicator
(MEMOFST
50h[1]) bit
changes.
Write 1 to clear
Port Suspend
Status Change
Indicates the
completion of
the selective
resume
sequence for
the port.
0 = Port is not
resumed
1 = Port resume
is complete
Port Enable
Status Change
Indicates that
the port has
been disabled
due to a
hardware event
(cleared Port
Enable Status,
MEMOFST
54h[1]).
0 = Port has not
been
disabled
1 = Port Enable
Status has
been
cleared
Connect Status
Change
Indicates a
connect or
disconnect
event has been
detected.
0 = No
connect/dis
connect
event
1 = Hardware
detection of
connect/dis
connect
event(1)
Write 1 to clear
(1) If the Device Removable Bits (MEMOFST 4Ch[15:1]) are set, bit 0 resets to 1.
MEMOFST 57h
HcRhPort1Status Register - Byte 3
Default = 00h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com