Electronic Components Datasheet Search
  English  ▼

X  

82C862 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # 82C862
Description  FireLink USB Dual Controller Quad Port USB
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

82C862 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button 82C862 Datasheet HTML 42Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 43Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 44Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 45Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 46Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 47Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 48Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 49Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
FireLink USB
82C862
912-2000-030
Revision: 1.0
Page 42
®
6.3
AC Characteristics (Preliminary)
6.3.1
PCI Bus AC Timings
Sym
Parameter
Min
Max
Unit
Figure
t100
C/BE[3:0]#, AD[31:0], FRAME#, IRDY#, TRDY#, STOP#, DEVSEL#, LOCK#,
PAR, SERR#, PERR# setup time to PCICLK rising
7
ns
6-1
t101
C/BE[3:0]#, AD[31:0], FRAME#, IRDY#, TRDY#, STOP#, DEVSEL#, LOCK#,
PAR, SERR#, PERR# hold time from PCICLK rising
0
ns
6-2
t102
C/BE[3:0]#, AD[31:0], FRAME#, IRDY#, TRDY#, STOP#, DEVSEL#, LOCK#,
PAR, SERR#, PERR# valid delay from PCICLK rising
2
11
ns
6-3
t103
REQ# setup time to PCICLK rising
12
ns
6-1
t104
REQ# hold time from PCICLK rising
0
ns
6-2
t105
GNT# valid delay from PCICLK rising
2
12
ns
6-3
Figure 6-1
Setup Timing Waveform
Figure 6-2
Hold Timing Waveform
Figure 6-3
Output Delay Timing Waveform
0ns
50ns
100ns
t100, t103
PCICLK
SIGNAL
t101, t104
0ns
50ns
100ns
PCICLK
SIGNAL
0ns
50ns
100ns
PCICLK
SIGNAL
t102, t105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com