Electronic Components Datasheet Search
  English  ▼

X  

82C862 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # 82C862
Description  FireLink USB Dual Controller Quad Port USB
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

82C862 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button 82C862 Datasheet HTML 39Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 40Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 41Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 42Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 43Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 44Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 45Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 46Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
FireLink USB
82C862
912-2000-030
Revision 1.0
Page 39
®
5.2.2
Legacy Support Registers
Four registers are provided for legacy support:
1. HceControl
- -
Used to enable and control the emulation hardware and report various status information.
2. HceInput
- -
Emulation side of the legacy Input Buffer register.
3. HceOutput
- -
Emulation side of the legacy Output Buffer register where keyboard and mouse data is to be written by software.
4. HceStatus
- -
Emulation side of the legacy Status register.
These registers are located in the Host Controller Register Space; from MEMOFST 100h through 10Fh. The bit formats for
these registers are described in Table 5-3.
Refer to "Legacy Support" section for information when accessing these registers when emulation is enabled.
5.2.3
MEMOFST 100h-1Fh (Legacy Support Registers)
7
6
5
4
3
2
1
0
MEMOFST 100h
HceControl Register - Byte 0
Default = 00h
IRQ12 Active
Indicates that a
positive
transition of
IRQ12 from
kybrd controller
has occurred.
Writing a 1
clears this bit,
while writing a 0
leaves it
unchanged.
IRQ1 Active
Indicates that a
positive
transition of
IRQ1 from
kybrd controller
has occurred.
Writing a 1
clears this bit,
while writing a 0
leaves it
unchanged.
GateA20
Sequence
Set by HC
when a data
value of D1h is
written to Port
64h.
Cleared by HC
on write to Port
64h of any
value other than
D1h.
External
IRQEn
IRQ1 and
IRQ12 from
kybrd controller
causes
emulation
interrupt:
0 = Disable
1 = Enable
This bit is
independent of
the Emulation
Enable bit (bit
0) setting.
IRQEn
If the Output
Full bit
(MEMOFST
10Ch[0]) = 1,
HC generates
IRQ1 or IRQ12.
If the Aux
Output Full bit
(MEMOFST
10Ch[5]) = 0,
HC generates
IRQ1; if = 1, HC
generates
IRQ12.
0 = Disable
1 = Enable
Character
Pending
HC generates
emulation
interrupt when
the Output Full
bit (MEMOFST
10Ch[0]) = 0.
0 = Disable
1 = Enable
Emulation
Interrupt (RO)
A static decode
of the emulation
interrupt
condition.
Emulation
Enable
HC is enabled
for legacy
emulation?
0 = No
1 = Yes(1)
(1) The HC decodes accesses to Ports 60h/64h and generates IRQ1 and/or IRQ12 when appropriate. Additionally, the HC generates an
emulation interrupt at appropriate times to invoke the emulation software.
MEMOFST 101h
HceControl Register - Byte 1
Default = 00h
Reserved
A20 State:
Indicates
current state of
Gate A20 on
kybrd controller.
Used to
compare
against value
written to Port
60h when
GateA20
Sequence is
active.
MEMOFST 102h-103h
HceControl Register - Bytes 2 & 3
Default = 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com