Electronic Components Datasheet Search
  English  ▼

X  

82C862 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 82C862
Description  FireLink USB Dual Controller Quad Port USB
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

82C862 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 82C862 Datasheet HTML 3Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 4Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 5Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 6Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 7Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 8Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 9Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 10Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
FireLink USB
82C862
912-2000-030
Page 3
Revision: 1.0
®
3.0
Signal Definitions
3.1
Terminology/Nomenclature Conventions
The "#" symbol at the end of a signal name indicates that the active, or asserted state occurs when the signal is at a low
voltage level. When "#" is not present after the signal name, the signal is asserted when at the high voltage level.
The terms assertion and negation are used extensively. This is done to avoid confusion when working with a mixture of active
low and active high signals. The term assert, or assertion indicates that a signal is active, independent of whether that level is
represented by a high or low voltage. The term negate, or negation indicates that a signal is inactive.
The tables in this section use several common abbreviations. Table 1 lists the mnemonics and their meanings. Note that
TTL/CMOS/Schmitt-trigger levels pertain to inputs only. Outputs are driven at CMOS levels.
Table 1. Signal Definitions Legend
Mnemonic
Description
Analog
Analog-level compatible
CMOS
CMOS-level compatible
Dcdr
Decoder
Diff
Differential signal pair
Ext
External
G
Ground
I
Input
Int
Internal
I/O
Input/Output
Mux
Multiplexer
NIC
No Internal Connection
O
Output
OD
Open drain
P
Power
PD
Pull-down resistor
PU
Pull-up resistor
S
Schmitt-trigger
S/T/S
Sustain Tristate
TTL
TTL-level compatible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com