Electronic Components Datasheet Search
  English  ▼

X  

82C862 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 82C862
Description  FireLink USB Dual Controller Quad Port USB
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

82C862 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  82C862 Datasheet HTML 1Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 2Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 3Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 4Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 5Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 6Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 7Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 8Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
FireLink USB
82C862
912-2000-030
Page 1
Revision: 1.0
®
1.0
Features
• Compliant with USB rev. 1.1 specification
• Fully compatible with USB OHCI specification
• Two independent host controllers, two ports each,
making FireLink USB a multi-function PCI device
• Second host controller can be disabled if not used
• Clock input can be derived from either a 12MHz crystal
or a 48MHz oscillator
• Clocks can be turned off when not in use to save power
• Core operates at 3.3V; PCI inputs are 5V-tolerant
• Incorporates PCI Power Management, supporting very
low power standby modes
• Implements CLKRUN# pin to support hardware-
enforced power-down
• Packaged as 100-pin LQFP (Low-profile Quad Flat
Pack)
• Supported by Windows 98, Windows 2000, and
Windows CE
2.0
Overview
This document describes the OPTi FireLink USB (82C862)
controller.
This PCI-to-USB bridge is unique in that it consists of two
independent dual-port controllers, each sharing only the
common PCI bus connection. This arrangement allows for
a total Universal Serial Bus bandwidth of 24Mb/s, divided
into 12Mb/s for each pair of ports.
Figure 1 provides a block diagram of the overall
functionality of the chip.
Figure 1.
82C862 FireLink USB Block Diagram
port 2
12 MHz
xtal
USB
Con tro ller
M odu le 1
FireLink
FireLink USB
82C862
PC I
in terface
48 MHz Clock
Genera tion
Cen tra l
Arbiter
USB Con fig
Re gs Function 0
USB
Con tro ller
M odu le 2
USB Con fig
Re gs Function 1
port 1
port 4
port 3
REQ #, GNT#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com