Electronic Components Datasheet Search
  English  ▼

X  

82C862 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # 82C862
Description  FireLink USB Dual Controller Quad Port USB
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

82C862 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button 82C862 Datasheet HTML 40Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 41Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 42Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 43Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 44Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 45Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 46Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 47Page - List of Unclassifed Manufacturers 82C862 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
FireLink USB
82C862
912-2000-030
Revision: 1.0
Page 40
®
7
6
5
4
3
2
1
0
Reserved
MEMOFST 104h
HceInput Register - Bytes 0
Default = 00h
Input Data:
- I/O data that is written to Ports 60h and 64h is captured in this register.
Note: Refer to Table 4-4, "Emulated Registers and Side Effects", if emulation is enabled.
MEMOFST 105h-107h
HceInput Register - Bytes 1-3
Default = 00h
Reserved
MEMOFST 108h
HceOutput Register - Bytes 0
Default = 00h
Output Data:
- This register hosts data that is returned when an I/O read of Port 60h is performed by application software.
Note: Refer to Table 4-4, "Emulated Registers and Side Effects", if emulation is enabled.)
MEMOFST 109h-10Bh
HceOutput Register - Bytes 1-3
Default = 00h
Reserved
MEMOFST 10Ch
HceStatus Register - Byte 0
Default = 00h
Parity
Indicates parity
error on
keyboard/mous
e data.
Time-out
Used to indicate
a time-out
Aux Output
Full
Assert IRQ12 if
Output Full bit
(MEMOFST
10Ch[0]) = 1
and IRQEn bit
(MEMOFST
100h[3]) = 1?
0 = No
1 = Yes
Inhibit Switch
Reflects state of
the keyboard
inhibit switch:
0 = Inhibited
1 = Not
inhibited
Cmd Data
HC sets this bit
on I/O writes to
Ports 60h and
64h:
0 = Port 60h
1 = Port 64h
Flag
Nominally used
as a system
flag by software
to indicate a
warm or cold
boot.
Input Full
HC sets this bit
to 1 on an I/O
write to Port
60h or 64h
except for the
case of a
GateA20
Sequence.
While set to 1
and emulation
is enabled
(MEMOFST
100h[0] = 1), an
emulation
interrupt
condition exists.
Output Full
HC sets this bit
to 0 on a read
of Port 60h.
While this bit is
0 and the
Character
Pending bit
(MEMOFST
100h[2]) = 1, an
emulation
interrupt
condition exists.
Setting this bit
to 1 will
generate either
IRQ1 or IRQ12
under certain
conditions(1).
(1) If the IRQEn bit (MEMOFST 100h[3]) = 1 and Aux Output Full bit (MEMOFST 10Ch[5]) = 0: IRQ1 is generated.
If the IRQEn bit (MEMOFST 100h[3]) = 1 and Aux Output Full bit (MEMOFST 10Ch[5]) = 1: IRQ12 is generated.
Note: Refer to Table 4-4, "Emulated Registers and Side Effects", on page 18 if emulation is enabled.
MEMOFST 10Dh-10Fh
HceStatus Register - Bytes 1-3
Default = 00h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com