Electronic Components Datasheet Search
  English  ▼

X  

UPB1007K Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPB1007K
Description  BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPB1007K Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPB1007K Datasheet HTML 1Page - Renesas Technology Corp UPB1007K Datasheet HTML 2Page - Renesas Technology Corp UPB1007K Datasheet HTML 3Page - Renesas Technology Corp UPB1007K Datasheet HTML 4Page - Renesas Technology Corp UPB1007K Datasheet HTML 5Page - Renesas Technology Corp UPB1007K Datasheet HTML 6Page - Renesas Technology Corp UPB1007K Datasheet HTML 7Page - Renesas Technology Corp UPB1007K Datasheet HTML 8Page - Renesas Technology Corp UPB1007K Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
DESCRIPTION
The
µPB1008K is a silicon monolithic integrated circuit for GPS receiver. This IC is designed as double conversion
RF block integrated Pre-Amplifier + RF/IF down-converter + PLL frequency synthesizer on 1 chip.
This IC has IQ recovery function, builds a 2-bit A/D converter in both I channels and Q channels, respectively, and
carries them in 36-pin plastic QFN package.
This IC is manufactured using our 30 GHz fmax UHS0 (Ultra High Speed Process) silicon bipolar process.
FEATURES
• Double conversion
: fREFin = 27.456 MHz, f1stIFin = 175.164 MHz, f2ndIFin = 132 kHz
• Integrated RF block
: Pre-Amplifier + RF/IF frequency down-converter + PLL frequency synthesizer
: The 2-bit A/D converter is unified to single chip.
• Needless to input counter data
: fixed division internal prescaler
• VCO side division
:
÷102 (÷8, ÷12.75 serial prescaler)
• Reference division
:
÷2
• Supply voltage
: VCC = 2.7 to 3.3 V
• Low current consumption
: ICC = 18.0 mA TYP. @ VCC = 3.0 V
• Gain adjustable externally
: Gain control voltage pin (control voltage up vs. gain down)
• Power-save function
: Power-save dark current ICC(PD) = 10
µA MAX.
• High-density surface mountable
: 36-pin plastic QFN
APPLICATIONS
• Consumer use GPS receiver of reference frequency 27.456 MHz, 2nd IF frequency 132 kHz (for general use)
ORDERING INFORMATION
Part Number
Package
Supplying Form
µPB1008K-E1
36-pin plastic QFN
• 12 mm wide embossed taping
• Pin 1 indicates pull-out direction of tape
• Qty 2.5 kpcs/reel
Remark To order evaluation samples, contact your nearby sales office.
Part number for sample order:
µPB1008K
DATA SHEET
Caution Observe precautions when handling because these devices are sensitive to electrostatic discharge.
The information in this document is subject to change without notice. Before using this document, please confirm that
this is the latest version.
Not all devices/types available in every country. Please check with local NEC Compound Semiconductor Devices
representative for availability and additional information.
Document No. PU10282EJ01V0DS (1st edition)
Date Published November 2003 CP(K)
Printed in Japan
 NEC Compound Semiconductor Devices 2003
BIPOLAR ANALOG + DIGITAL INTEGRATED CIRCUIT
µPB1008K
REFERENCE FREQUENCY 27.456 MHz, 2ndIF FREQUENCY 132 kHz
RF/IF FREQUENCY DOWN-CONVERTER +
PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com