Electronic Components Datasheet Search
  English  ▼

X  

UPB1007K Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # UPB1007K
Description  BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPB1007K Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button UPB1007K Datasheet HTML 14Page - Renesas Technology Corp UPB1007K Datasheet HTML 15Page - Renesas Technology Corp UPB1007K Datasheet HTML 16Page - Renesas Technology Corp UPB1007K Datasheet HTML 17Page - Renesas Technology Corp UPB1007K Datasheet HTML 18Page - Renesas Technology Corp UPB1007K Datasheet HTML 19Page - Renesas Technology Corp UPB1007K Datasheet HTML 20Page - Renesas Technology Corp UPB1007K Datasheet HTML 21Page - Renesas Technology Corp UPB1007K Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
 IF BLOCK (AGCamp + IF MIX + IFamp + ADC) 
I CH
Q CH
100
90
80
70
60
50
0
–85
–80
–90
–75
1stIF Input Power P1stIFin (dBm)
MAG DUTY vs. 1stIF INPUT POWER
40
30
20
10
2ndLO : f = 175.032 MHz
1stIF : f = 175.164 MHz
2ndIF : f = 132 kHz
Zin = 600
Ω, ZL = 2 kΩ
VAGC = 0.5 V, VCC = 3.0 V
VIQ–C = 0 V, TA = +25˚C
100
90
80
70
60
50
0
–90
–85
–95
–80
1stIF Input Power P1stIFin (dBm)
40
30
20
10
2ndLO : f = 175.032 MHz
1stIF : f = 175.164 MHz
2ndIF : f = 132 kHz
Zin = 600
Ω, ZL = 2 kΩ
VAGC = 0.5 V, VCC = 3.0 V
VIQ–C = 0 V, TA = +25˚C
MAG DUTY vs. 1stIF INPUT POWER
–20
–30
–40
–50
–90
0.5
2.5
0
3.0
AGC Voltage VAGC (V)
P1stIFin (MAG DUTY 50%) vs. AGC VOLTAGE
–60
–70
–80
2ndLO : f = 175.032 MHz
1stIF : f = 175.164 MHz
2ndIF : f = 132 kHz
Zin = 600
Ω, ZL = 2 kΩ
VCC = 3.0 V
VIQ–C = 0 V
2.0
1.5
1.0
TA = +85˚C
+25˚C
–40˚C
–75
–80
–85
–100
0.5
2.5
0
3.0
IQ-Ctrl Voltage VIQ-C (V)
P1stIFin (MAG DUTY 50%) vs. IQ-CTRL VOLTAGE
–90
2ndLO : f = 175.032 MHz
1stIF : f = 175.164 MHz
2ndIF : f = 132 kHz
Zin = 600
Ω, ZL = 2 kΩ
VCC = 3.0 V
VAGC = 0.5 V
2.0
1.5
1.0
TA = +85˚C
+25˚C
–40˚C
–95
–75
–80
–85
–100
0.5
2.5
0
3.0
IQ-Ctrl Voltage VIQ-C (V)
P1stIFin (MAG DUTY 50%) vs. IQ-CTRL VOLTAGE
–90
2ndLO : f = 175.032 MHz
1stIF : f = 175.164 MHz
2ndIF : f = 132 kHz
Zin = 600
Ω, ZL = 2 kΩ
VCC = 3.0 V
VAGC = 0.5 V
2.0
1.5
1.0
TA = +85˚C
+25˚C
–40˚C
–95
–20
–30
–40
–50
–100
0.5
2.5
0
3.0
–60
–70
–80
2ndLO : f = 175.032 MHz
1stIF : f = 175.164 MHz
2ndIF : f = 132 kHz
Zin = 600
Ω, ZL = 2 kΩ
VCC = 3.0 V
VIQ–C = 0 V
2.0
1.5
1.0
TA = +85˚C
+25˚C
–40˚C
–90
AGC Voltage VAGC (V)
P1stIFin (MAG DUTY 50%) vs. AGC VOLTAGE
Remark The graphs indicate nominal characteristics.
Data Sheet PU10282EJ01V0DS
16
µPB1008K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com