Electronic Components Datasheet Search
  English  ▼

X  

UPB1007K Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPB1007K
Description  BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPB1007K Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPB1007K Datasheet HTML 3Page - Renesas Technology Corp UPB1007K Datasheet HTML 4Page - Renesas Technology Corp UPB1007K Datasheet HTML 5Page - Renesas Technology Corp UPB1007K Datasheet HTML 6Page - Renesas Technology Corp UPB1007K Datasheet HTML 7Page - Renesas Technology Corp UPB1007K Datasheet HTML 8Page - Renesas Technology Corp UPB1007K Datasheet HTML 9Page - Renesas Technology Corp UPB1007K Datasheet HTML 10Page - Renesas Technology Corp UPB1007K Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Pin
No.
Pin Name
Function and Application
Internal Equivalent Circuit
10
REFin
Input pin of reference frequency
buffer. This pin should be
equipped with external 27 MHz
oscillator (e.g. TCXO).
11
GNDdig
Ground pin of digital portion of
the chip.
10
ESD
ESD
idc = 22
idc = 9.7
20 k
Ω
20 k
Ω
500
Ω
500
Ω
50 k
Ω
5.4 pF
30 k
Ω
9
11
µ
µ
12
IQ cntl
The voltage on this pin controls
the Q channel IF amplifier gain
control of
±2 dB can be
achieved for 0 to 3 V.
Leave open-circuited if not
used.
12
idc = 23.5
7.1 k
Ω
7.1 k
Ω
7.1 k
Ω
28
200 k
Ω
idc = 23.5
7.1 k
Ω
12 k
Ω
IREF
32
CCCS
µ
µ
13
PD1
Standby mode control.
Low = whole chip OFF & High =
Whole chip ON.
13
ESD
ESD
28 k
Ω
11
VCC
Data Sheet PU10282EJ01V0DS
5
µPB1008K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com