Electronic Components Datasheet Search
  English  ▼

X  

UPB1007K Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPB1007K
Description  BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPB1007K Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPB1007K Datasheet HTML 5Page - Renesas Technology Corp UPB1007K Datasheet HTML 6Page - Renesas Technology Corp UPB1007K Datasheet HTML 7Page - Renesas Technology Corp UPB1007K Datasheet HTML 8Page - Renesas Technology Corp UPB1007K Datasheet HTML 9Page - Renesas Technology Corp UPB1007K Datasheet HTML 10Page - Renesas Technology Corp UPB1007K Datasheet HTML 11Page - Renesas Technology Corp UPB1007K Datasheet HTML 12Page - Renesas Technology Corp UPB1007K Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Pin
No.
Pin Name
Function and Application
Internal Equivalent Circuit
24
DCoffsetlb
DC offset compensation pin for
l-bar arm. A low pass capacitor
shunt to pin 25 is required.
25
DCoffsetl
DC offset compensation pin for
I-bar arm. A low pass capacitor
shunt to pin 24 is required.
See pin 16 & 17 schematic
26
2ndIFout-Ib
27
2ndIFout-I
Differential output pins of
quadrature demodulator I
output. Adding a lowpass shunt
capacitor between these pins
will define the IF bandwidth.
See pin 14 & 15 schematic
28
VCCanalog
Supply voltage pin of analog
portion of the chip.
29
VAGC
Gain control voltage pin of IF
amplifier. This voltage performs
reverse control, (i.e., VAGC up
→
gain down). If this pin is left
open, then it is default at
maximum gain.
300
Ω
3 k
Ω
ESD
ESD
29
44 k
Ω
To AGC Amp
28
32
30
IF-in1
31
IF-in2
Differential input pins of 1stIF
AGC amplifier.
32
GNDanalog
Ground pin of analog portion of
the chip.
4 k
Ω
2 k
Ω
2 k
Ω
4 k
Ω
40
Ω
1.42 k
Ω
1.42 k
Ω
4 k
Ω
4 k
Ω
Regulator
30
28
32
31
ESD
ESD
ESD
ESD
Data Sheet PU10282EJ01V0DS
7
µPB1008K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com