Electronic Components Datasheet Search
  English  ▼

X  

UPB1007K Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPB1007K
Description  BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPB1007K Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPB1007K Datasheet HTML 2Page - Renesas Technology Corp UPB1007K Datasheet HTML 3Page - Renesas Technology Corp UPB1007K Datasheet HTML 4Page - Renesas Technology Corp UPB1007K Datasheet HTML 5Page - Renesas Technology Corp UPB1007K Datasheet HTML 6Page - Renesas Technology Corp UPB1007K Datasheet HTML 7Page - Renesas Technology Corp UPB1007K Datasheet HTML 8Page - Renesas Technology Corp UPB1007K Datasheet HTML 9Page - Renesas Technology Corp UPB1007K Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
PIN EXPLANATION
Pin
No.
Pin Name
Function and Application
Internal Equivalent Circuit
1
GND LNA
Ground pin of LNA.
2
LNAin
Input pin of low noise amplifier.
It is a single-ended open
collector design. Capacitive
coupling is required; external
matching will improve gain or
NF.
36
2
1
3
Regulator
VCC
6.5 k
Ω
3
VCCrf
Supply voltage pin of LNA, RF
mixer and VCO voltage
regulator.
4
GNDLO
Ground pin of 1stLO oscillator
circuit and RF Mixer.
5
1stLO-OSC1
6
1stLO-OSC2
Pin 5 & 6 are base pins of the
differential amplifier for 1stLO
oscillator. These pins requre an
LC (varacator) tank circuit to
oscilate at around 1 400 MHz.
7
VCCLO
Supply voltage pin of oscillator
circuit for 1stLO oscillator and
RF mixer.
7
6
4
3
Regulator
VCC
4.4 k
Ω
1.8 pF
1.8 pF
4.4 k
Ω
400
Ω
400
Ω
410
Ω
5
idc = 941
µ
8
PDout
This is a cirrent mode charge
pump output. For connection to
a passive RC loop filter for
driving external varactor diode
of 1stLO oscillator.
9
VCCdig
Supply voltage pin of digital
portion of the chip.
8
Source
Control
Sink
Control
ESD
ESD
9
11
Data Sheet PU10282EJ01V0DS
4
µPB1008K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com