Electronic Components Datasheet Search
  English  ▼

X  

UPB1007K Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # UPB1007K
Description  BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPB1007K Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button UPB1007K Datasheet HTML 12Page - Renesas Technology Corp UPB1007K Datasheet HTML 13Page - Renesas Technology Corp UPB1007K Datasheet HTML 14Page - Renesas Technology Corp UPB1007K Datasheet HTML 15Page - Renesas Technology Corp UPB1007K Datasheet HTML 16Page - Renesas Technology Corp UPB1007K Datasheet HTML 17Page - Renesas Technology Corp UPB1007K Datasheet HTML 18Page - Renesas Technology Corp UPB1007K Datasheet HTML 19Page - Renesas Technology Corp UPB1007K Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
–50
–40
–60
–30
–20
10
LO Input Power PLOin (dBm)
–10
0
–20
–30
–40
–70
–60
–100
–90
–50
–80
PIFout : VCC = 2.7 V
3.0 V
3.3 V
RF : 50
Ω terminate
LO : f = 1 400.256 MHz
TA = +25˚C
500
1 000
2 000
RF Input Frequency fRFin (MHz)
vs. RF INPUT FREQUENCY
1 500
30
25
20
15
10
0
5
VCC = 2.7 V
3.0 V
3.3 V
RF : P = –50 dBm
LO : Pin = 0 dBm
IF : f = 175.164 MHz
TA = +25˚
RF CONVERSION GAIN
RF : f = 1 575.42 MHz
P = –50 dBm
LO : Pin = 0 dBm
TA = +25˚C
30
15
20
25
10
5
35
0
IF Output Frequency fIFout (MHz)
10
100
1 000
VCC = 2.7 V
3.0 V
3.3 V
vs. IF OUTPUT FREQUENCY
RF CONVERSION GAIN
–50
–40
–60
–30
–20
10
–10
0
–20
–30
–40
–70
–60
–100
–90
–50
–80
PIFout : VCC = 2.7 V
3.0 V
3.3 V
RF : f = 1 575.42 MHz
Pin = –80 dBm
LO : f = 1 400.256 MHz
TA = +25˚C
LO Input Power PLOin (dBm)
vs. LO INPUT POWER
LOCAL LEAKAGE POWER@1stIFout
vs. LO INPUT POWER
LOCAL LEAKAGE POWER@RFin
7
5
4
3
2.6
2.5
3.2 3.3
3.5
Supply Voltage VCC (V)
2.7
3.4
6
+25˚C
–40˚C
TA = +85˚C
2.8 2.9
3.1
3.0
RF : f = 1 575 MHz
Pin = 0 dBm
LO : f = 1 400 MHz
IFout : f = 175 MHz
NOISE FILTER vs. SUPPLY VOLTAGE
Remark The graphs indicate nominal characteristics.
Data Sheet PU10282EJ01V0DS
14
µPB1008K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com