Electronic Components Datasheet Search
  English  ▼

X  

UPB1007K Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPB1007K
Description  BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPB1007K Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPB1007K Datasheet HTML 4Page - Renesas Technology Corp UPB1007K Datasheet HTML 5Page - Renesas Technology Corp UPB1007K Datasheet HTML 6Page - Renesas Technology Corp UPB1007K Datasheet HTML 7Page - Renesas Technology Corp UPB1007K Datasheet HTML 8Page - Renesas Technology Corp UPB1007K Datasheet HTML 9Page - Renesas Technology Corp UPB1007K Datasheet HTML 10Page - Renesas Technology Corp UPB1007K Datasheet HTML 11Page - Renesas Technology Corp UPB1007K Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Pin
No.
Pin Name
Function and Application
Internal Equivalent Circuit
14
2ndIFout-Q
15
2ndIFout-Qb
Differential output pins of
quadrature demodulator Q
output. Adding a lowpass shunt
capacitor between these pins
will define the IF bandwidth.
idc = 86
2 k
Ω
idc = 86
2 k
Ω
ESD
ESD
ESD
ESD
28
2 k
Ω
2 k
Ω
32
14
15 (26)
(27)
µ
µ
16
DCoffsetQ
DC offset compensation pin for
C arm. A low pass capacitor
shunt to pin 17 is required.
17
DCoffsetQb
DC offset compensation pin for
Q-bar arm. A low pass capacitor
shunt to pin 16 is required.
idc = 84
4 k
Ω
idc = 84
4 k
Ω
ESD
ESD
ESD
ESD
28
150 k
Ω
150 k
Ω
32
16
17 (24)
(25)
20 k
Ω
9 pF
µ
µ
18
GNDbb
Ground pin of CMOS output
driver.
19
Qmag
Digitizd Q signal. Magnitude bit
of 2-bit ADC output.
20
Qsign
Digitizd Q signal. Sign bit of 2-
bit ADC output.
21
Isign
Digitizd I signal. Magnitude bit
of 2-bit ADC output.
22
Imag
Digitizd I signal. Magnitude bit
of 2-bit ADC output.
23
VCCbb
Supply voltage pin of CMOS
output driver.
21.5
Ω
5 k
Ω
23
18
21.5
Ω
ESD
ESD
19 (20, 21, 22)
Data Sheet PU10282EJ01V0DS
6
µPB1008K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com