Electronic Components Datasheet Search
  English  ▼

X  

UPB1007K Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # UPB1007K
Description  BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPB1007K Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button UPB1007K Datasheet HTML 16Page - Renesas Technology Corp UPB1007K Datasheet HTML 17Page - Renesas Technology Corp UPB1007K Datasheet HTML 18Page - Renesas Technology Corp UPB1007K Datasheet HTML 19Page - Renesas Technology Corp UPB1007K Datasheet HTML 20Page - Renesas Technology Corp UPB1007K Datasheet HTML 21Page - Renesas Technology Corp UPB1007K Datasheet HTML 22Page - Renesas Technology Corp UPB1007K Datasheet HTML 23Page - Renesas Technology Corp UPB1007K Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
–50
–40
–60
–30
–20
0
LO Input Power
PLOin (dBm)
LOCAL LEAKAGE POWER vs. LO INPUT POWER
–10
–20
–30
–40
–70
–60
–100
–90
–50
–80
PIFout : VCC = 2.7 V
3.0 V
3.3 V
LOin : f = 1 400.256 MHz
TA = +25˚C
2.5
3.0
3.5
Supply Voltage
VCC (dBm)
DCOFFSET VOLTAGE (16, 17 pin)
vs. SUPPLY VOLTAGE
1.5
1.0
0.5
0
–1.5
–1.0
–0.5
2.6 2.7 2.8 2.9
3.1 3.2 3.3 3.4
1stIFin : f = 175.164 MHz
Pin = –60 dBm
REFin : f = 27.456 MHz
Pin = –10 dBm
TA = +25˚C
2.5
3.0
3.5
1.5
1.0
0.5
0
–1.5
–1.0
–0.5
2.6 2.7 2.8 2.9
3.1 3.2 3.3 3.4
1stIFin : f = 175.164 MHz
Pin = –60 dBm
REFin : f = 27.456 MHz
Pin = –10 dBm
TA = +25˚C
Supply Voltage
VCC (dBm)
DCOFFSET VOLTAGE (24, 25 pin)
vs. SUPPLY VOLTAGE
Remark The graphs indicate nominal characteristics.
Data Sheet PU10282EJ01V0DS
18
µPB1008K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com