Electronic Components Datasheet Search
  English  ▼

X  

PS2500 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # PS2500
Description  Low-Power Direct Digital Modulation Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS2500 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button PS2500 Datasheet HTML 7Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 8Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 9Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 10Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 11Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 12Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 13Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 14Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
PS2500 2.2 GHz Fractional-N Frequency Synthesizer
- 11 -
Philsar Semiconductor Inc.
146 Colonnade Road S.
Nepean, Ontario, Canada
K2E 7Y1
Tel: 613-274-0922
Fax: 613-274-0915
www.philsar.com
PMP-001-DS2 V1.2
A shortened serial interface write where /CS is from 2 to 12 Clock cycles wide and modulation data (2 to
12 bits) is presented on the Mod_in pin. The Mod_in is the alternate pin for entering modulation data
directly in modulation data register with shortened /CS strobes. This mode is selected through the
modulation control register. This method of data entry also eliminates the register address overhead on the
serial interface and permits a different device than the one controlling the channel selection to enter the
modulation data (eg. a microcontroller for channel selection and a DSP for modulation data). All serial
interface bits are re-synchronized internally at the reference oscillator frequency and the content of the
modulation data register is passed to the modulation unit at the next falling edge of the divided main VCO
frequency (Fpd_main).
Modulation data samples in the modulation data register can be from 2 to 12 bits long, enabling the user to
select how many distinct frequency steps will be used for the desired modulation scheme.
The user can also control the frequency deviation through the Modulation Data Magnitude Offset in the
modulation control register. This permits shifting of the modulation data to accomplish a 2m multiplication
of frequency deviation
1.
1.
The programmable range of -0.5 to +0.5 of the main
∆Σ modulator can be exceeded up to the condition where the sum of the dividend and the
modulation data obey
-0.5625
≤ (N
mod + dividend )
≤ +0.5625
before requiring changing Ninteger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com