Electronic Components Datasheet Search
  English  ▼

X  

PS2500 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # PS2500
Description  Low-Power Direct Digital Modulation Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS2500 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button PS2500 Datasheet HTML 20Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 21Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 22Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 23Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 24Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 25Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 26Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 27Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 28Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
PS2500 2.2 GHz Fractional-N Frequency Synthesizer
- 25 -
Philsar Semiconductor Inc.
146 Colonnade Road S.
Nepean, Ontario, Canada
K2E 7Y1
Tel: 613-274-0922
Fax: 613-274-0915
www.philsar.com
PMP-001-DS2 V1.2
• Mux_out Pin Tri-State Enable = 1-bit value for tri-stating the Mux_out pin. When this bit is 0, the
Mux_out pin is enabled. When this bit is 1, the Mux_out pin is tri-stated.
Figure 12: Hex8 Modulation Control Register (Write only)
This register is used to configure the modulation unit of the main synthesizer.
The modulation unit provides for adding or subtracting a frequency offset to the selected center frequency
at which the main synthesizer is operating. The size of the modulation data sample, controlled by the
duration of /CS, can be from 2 to 12 bits wide, to provide from 4 to 4096 selectable frequency offsets steps.
The modulation data magnitude offset selects the magnitude multiplier for the modulation data and can be
from 0 to 8.
Values to be loaded are:
Modulation Data Magnitude Offset = 4-bit value indicating magnitude multiplier (m) for the modulation
data samples. Valid values range from 0 to 13, effectively providing a 2m multiplication of the modulation
data sample.
Modulation Data Input Select = 1-bit value indicating the pin on which modulation data samples are
serially input when /CS is between 2 and 12 bits long. When this bit is 0, modulation data samples are to be
presented on the Data pin. When this bit is 1, modulation data samples are to be presented on the Mod_in
pin. For more details, please refer to section “Direct Digital Modulation” on page 10.
Modulation Address Disable = 1-bit value indicating the presence of the address as modulation data
samples are presented on either the Mod_in or Data pins. When this bit is 0, address is presented with the
modulation data samples (i.e. all transfers are 16 bits long). When this bit is 1, no address is presented with
the modulation data samples (i.e. all transfers are 2 to 12 bits long). For more details, please refer to section
“Direct Digital Modulation” on page 10.
Reserved Bits
Modulation Data Magnitude Offset
A3
0
1
2
3
4
5
6
7
8
9
10
11
0
0
0
0
1
A0
A1
A2
0
0
0
X
X
Modulation Data Input Select
Modulation Address Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com