Electronic Components Datasheet Search
  English  ▼

X  

PS2500 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # PS2500
Description  Low-Power Direct Digital Modulation Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS2500 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button PS2500 Datasheet HTML 8Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 9Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 10Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 11Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 12Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 13Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 14Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 15Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
PS2500 2.2 GHz Fractional-N Frequency Synthesizer
- 12 -
Philsar Semiconductor Inc.
146 Colonnade Road S.
Nepean, Ontario, Canada
K2E 7Y1
Tel: 613-274-0922
Fax: 613-274-0915
www.philsar.com
PMP-001-DS2 V1.2
Figure 3: PS2500 Pinout
/Fvco_aux
GNDcp_aux
CPout_aux
VCCcp_aux
Clock
Mod_in
Mux_out
Data
Xtalin/Osc
GNDxtal
VCCxtal
Xtalout/NC
LD/PSaux
CPout_main
VCCecl/cml
/CS
GNDdigital
VCCdigital
GNDecl/cml
VCCecl/cml
Fvco_aux
VSUBdigital
Fvco_main
GNDcp_main
Xtalacgnd/Osc
/Fvco_main
LD/PSmain
VCCcp_main
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com