Electronic Components Datasheet Search
  English  ▼

X  

PS2500 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # PS2500
Description  Low-Power Direct Digital Modulation Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS2500 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button PS2500 Datasheet HTML 18Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 19Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 20Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 21Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 22Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 23Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 24Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 25Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
PS2500 2.2 GHz Fractional-N Frequency Synthesizer
- 22 -
Philsar Semiconductor Inc.
146 Colonnade Road S.
Nepean, Ontario, Canada
K2E 7Y1
Tel: 613-274-0922
Fax: 613-274-0915
www.philsar.com
PMP-001-DS2 V1.2
General Synthesizer Registers
Figure 9: Hex5 Reference Frequency Dividers Register (Write only)
This register configures the dual-programmable reference frequency dividers for the main and auxiliary
synthesizers.
The dual-programmable reference frequency dividers provide the reference frequencies to the phase
detectors by dividing the crystal oscillator frequency. The lower five bits hold the reference frequency
divide index for the main phase detector. The next five bits hold the reference frequency divide index for
the auxiliary phase detector. Divide ratios from 1 to 32 are possible for each reference frequency divider.
Values to be loaded are:
• Main Reference Frequency Divider Index = Desired main oscillator frequency division ratio - 1. Default
value on power up is 0, signifying that the reference frequency is not divided for the main phase detector.
• Auxiliary Reference Frequency Divider Index = Desired Auxiliary oscillator frequency division ratio - 1.
Default value on power up is 0, signifying that the reference frequency is not divided for the auxiliary
phase detector.
Figure 10: Hex6 Phase Detectors Register (Write only)
This register permits control of the gain for both phase detectors, and configuration of the LD/PS pins for
frequency power steering or lock detection.
Main Reference Frequency Divider Index
A3
0
1
2
3
4
5
6
7
8
9
10
11
0
A0
A1
A2
1
0
1
X
X
Auxiliary Reference Frequency Divider Index
Main Phase Detector Gain
Main Power Steering/Lock Detect Enable
A3
0
1
2
3
4
5
6
7
8
9
10
11
0
A0
A1
A2
1
1
0
Auxiliary Phase Detector Gain
Auxiliary Power Steering/Lock Detect Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com