Electronic Components Datasheet Search
  English  ▼

X  

PS2500 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # PS2500
Description  Low-Power Direct Digital Modulation Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS2500 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button PS2500 Datasheet HTML 14Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 15Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 16Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 17Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 18Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 19Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 20Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 21Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
PS2500 2.2 GHz Fractional-N Frequency Synthesizer
- 18 -
Philsar Semiconductor Inc.
146 Colonnade Road S.
Nepean, Ontario, Canada
K2E 7Y1
Tel: 613-274-0922
Fax: 613-274-0915
www.philsar.com
PMP-001-DS2 V1.2
Timing
Table 7: Digital Pins
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VIH
High level input voltage
-
0.7Vdigital
-
-
V
VIL
Low level input voltage
-
-
-
0.3Vdigital
VOH
High level output voltage
IOH = -2 mA
Vdigital -
0.2
-
-
VOL
Low level output voltage
IOL = 2 mA
-
-
Gnd + 0.2
Table 8: Timing — Serial Interface
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
fclock
Clock frequency
-
-
-
100
MHz
tsu
Data and /CS set up time to Clock
rising
-
3
-
-
ns
thold
Data and /CS hold time after Clock
rising
-
0
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com