Electronic Components Datasheet Search
  English  ▼

X  

PS2500 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # PS2500
Description  Low-Power Direct Digital Modulation Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS2500 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button PS2500 Datasheet HTML 10Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 11Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 12Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 13Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 14Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 15Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 16Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 17Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
PS2500 2.2 GHz Fractional-N Frequency Synthesizer
- 14 -
Philsar Semiconductor Inc.
146 Colonnade Road S.
Nepean, Ontario, Canada
K2E 7Y1
Tel: 613-274-0922
Fax: 613-274-0915
www.philsar.com
PMP-001-DS2 V1.2
Note: Associated pairs of power and ground pins need to be decoupled using 0.1
µF capacitors.
Note: The PS2500 is supplied in an exposed pad 28-pin TSSOP package (EP-TSSOP). The exposed
pad is located on the bottom side of the package, and must be connected to ground for proper operation.
The exposed pad should be soldered directly to the circuit board.
CPout_aux
Pin 20
Analog Output
Auxiliary charge pump output. The gain of the auxiliary
charge pump phase detector can be controlled from the
General Synthesizer Registers.
LD/PSaux
Pin 18
Analog Output
Programmable output pin. Indicates auxiliary phase detector
out-of-lock as an active low pulsing open collector output (high
impedance when lock is detected), or assists the loop filter in
steering the auxiliary VCO.
This pin is configured from the General Synthesizer Registers.
VCCdigital
Pin 26
Power and Ground
Digital 3 Volts.
GNDdigital
Pin 25
Power and Ground
Digital Ground.
VCCxtal
Pin 16
Power and Ground
Crystal oscillator ECL/CML 3 Volts.
GNDxtal
Pin 17
Power and Ground
Crystal Oscillator Ground.
VCCecl/cml
Pins 6,
24
Power and Ground
ECL/CML 3 Volt. Removing power safely powers down the
associated divider chain and charge pump.
GNDecl/cml
Pin 5
Power and Ground
ECL/CML Ground.
VCCcp_main, VCCcp_aux
Pins 10,
19
Power and Ground
Main and auxiliary charge pump 3 to 5 Volt. Removing power
safely powers down the associated divider chain and charge
pump.
GNDcp_main, GNDcp_aux
Pin 26
Power and Ground
Main and auxiliary charge pump Ground.
VSUBdigital
Pin 4
-
Substrate isolation, connect to Ground
Pin Label
Pin #
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com