Electronic Components Datasheet Search
  English  ▼

X  

PS2500 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # PS2500
Description  Low-Power Direct Digital Modulation Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS2500 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button PS2500 Datasheet HTML 12Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 13Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 14Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 15Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 16Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 17Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 18Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 19Page - List of Unclassifed Manufacturers PS2500 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
PS2500 2.2 GHz Fractional-N Frequency Synthesizer
- 16 -
Philsar Semiconductor Inc.
146 Colonnade Road S.
Nepean, Ontario, Canada
K2E 7Y1
Tel: 613-274-0922
Fax: 613-274-0915
www.philsar.com
PMP-001-DS2 V1.2
Table 3: Reference Oscillator
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Fosc
Reference oscillator frequency
-
-
-
50
MHz
Vosc
Oscillator sensitivity (as a buffer)
AC Coupled, single-ended
0.05
-
2.0
Vpp
Fshift_ship
Frequency shift at shipping
T = 25
°C, V
xtal = 3.0 V
With 1% tolerance 20 pF
crystal loading capacitors
-
-
± 3
ppm
Fshift_temp
Frequency shift vs temperature
-40
°C < T < +85°C
Vxtal = 3.0 V
-
-
± 3
Fshift_supply
Frequency shift vs supply voltage
T = 25
°C
2.7 V
≤ V
xtal ≤ 3.3 V
-
-
± 0.3
Table 4: VCOs
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Fvco_main
Main synthesizer operating
frequency
Sinusoidal
300
a
a.
When operating in integer mode, minimum main synthesizer frequency is 100 MHz
-
2200
MHz
Fvco_aux
Auxiliary synthesizer operating
frequency
300
b
b.
When operating in integer mode, minimum auxiliary synthesizer frequency is 100 MHz
-
500
Vvco
RF input sensitivity
AC Coupled
50
-
250
mVpeak
Zvco_in
RF input impedance
-
1000
-
Ω
∆F
step_main
Main Fractional-N tuning step size
-
Fref_main / 2
18 or F
ref_main / 2
10
Hz
∆F
step_aux
Aux Fractional-N tuning step size
-
Fref_aux / 2
10
Table 5: Noise
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Pnf
Phase noise floor
In PLL loop bandwidth
-
-132 +
20Log(N)
-
dBc/Hz
PIB
Total spurious power
-
-70
-
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com