Electronic Components Datasheet Search
  English  ▼

X  

BSS87 Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # BSS87
Description  200 V, N-channel vertical D-MOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BSS87 Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button BSS87 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 9Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 10Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 11Page - Nexperia B.V. All rights reserved BSS87 Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
NXP Semiconductors
BSS87
200 V, N-channel vertical D-MOS transistor
BSS87
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
9 December 2014
7 / 16
10. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID = 250 µA; VGS = 0 V; Tj = 25 °C
200
-
-
V
VGSth
gate-source threshold
voltage
ID = 1 mA; VDS = VGS; Tj = 25 °C
0.8
-
2.8
V
VDS = 60 V; VGS = 0 V; Tj = 25 °C
-
-
200
nA
IDSS
drain leakage current
VDS = 200 V; VGS = 0 V; Tj = 25 °C
-
-
60
µA
VGS = 20 V; VDS = 0 V; Tj = 25 °C
-
-
100
nA
IGSS
gate leakage current
VGS = -20 V; VDS = 0 V; Tj = 25 °C
-
-
-100
nA
VGS = 10 V; ID = 0.4 A; Tj = 25 °C
-
1.6
3
Ω
VGS = 10 V; ID = 0.4 A; Tj = 150 °C
-
3.7
7
Ω
RDSon
drain-source on-state
resistance
VGS = 4.5 V; ID = 0.3 A; Tj = 25 °C
-
1.9
4
Ω
gfs
forward
transconductance
VDS = 25 V; ID = 0.4 A; Tj = 25 °C
-
0.8
-
S
Dynamic characteristics
QG(tot)
total gate charge
-
5.5
10
nC
QGS
gate-source charge
-
0.3
-
nC
QGD
gate-drain charge
VDS = 50 V; ID = 0.25 A; VGS = 10 V;
Tj = 25 °C
-
1.4
-
nC
Ciss
input capacitance
-
100
120
pF
Coss
output capacitance
-
20
30
pF
Crss
reverse transfer
capacitance
VDS = 25 V; f = 1 MHz; VGS = 0 V;
Tj = 25 °C
-
10
15
pF
td(on)
turn-on delay time
-
2.7
6
ns
tr
rise time
-
3.7
6
ns
td(off)
turn-off delay time
-
16.4
30
ns
tf
fall time
VDS = 50 V; ID = 0.25 A; VGS = 10 V;
RG(ext) = 6 Ω; Tj = 25 °C
-
7.5
20
ns
Source-drain diode
VSD
source-drain voltage
IS = 0.4 A; VGS = 0 V; Tj = 25 °C
-
0.8
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com